Electronic Components Datasheet Search |
|
MM8030-2600RB8 Datasheet(PDF) 1 Page - Murata Power Solutions Inc. |
|
MM8030-2600RB8 Datasheet(HTML) 1 Page - Murata Power Solutions Inc. |
|
1 / 1 page o Part Numbering (Part Number) qProduct ID wSeries Coaxial Connectors (Chip Type Receptacle) MM Microwave Coaxial Connectors (Chip Type Receptacle) Product ID SWD, GSC Type 1000pcs. /Reel (ø178mm) HSC Type, 4000pcs. /Reel (ø178mm) HSC Type, 10000pcs. /Reel (ø330mm) SWD Type, 3000pcs. /Reel (ø330mm) GSC Type, 5000pcs. /Reel (ø330mm) SWF Type, 8000pcs. /Reel (ø330mm) SWG, JSC Type, 10000pcs. /Reel (ø330mm) yPackage Detail A1 A4 B0 B3 B5 B8 K0 Code Package Detail Bulk Reel tPackage Product ID B R Code Package Product ID HSC Type JSC Type SWG Type SWF Type SWD Type GSC Type 4829 5829 8030 8130 8430 9329 Code Series eIndividual Specification Code (1) Switch Connector SMD Type Connector SMD Type -26 -27 Code Individual Specification Code (1) rIndividual Specification Code (2) Serial 00 Code Individual Specification Code (2) (Part Number) qProduct ID wConnector (1) Coaxial Connectors (with Cable) MX Product ID JSC Type HSC Type GSC Type Coaxial Connectors (with Cable) JA HP TK Code Connector (1) eCable 0.4D, PFA, Single Shield Line, Spiral 0.4D, PFA, Single Shield Line, Spiral 0.4D, PFA, Single Shield Line, Spiral 01 32 92 Code Cable rConnector (2) JSC Type HSC Type GSC Type None Connector JA HP TK XX Code Connector (2) tLength yIndividual Specification Code Expressed by two sign. y B8 e -26 w 8130 r 00 t R q MM e 32 w HP r ty q MX Expressed by four figures. The unit is mm. From first to third figures are significant, and the fourth figure expresses the number of zeros which follow the three figures. 5000 1001 Ex.) 500mm = 500 x 100 1000mm = 100 x 101 Code Length |
Similar Part No. - MM8030-2600RB8 |
|
Similar Description - MM8030-2600RB8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |