Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0285.500HXP Datasheet(PDF) 3 Page - Littelfuse

Part # 0285.500HXP
Description  285 Series, 5 x 20 mm, Audio & Medical Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0285.500HXP Datasheet(HTML) 3 Page - Littelfuse

  0285.500HXP Datasheet HTML 1Page - Littelfuse 0285.500HXP Datasheet HTML 2Page - Littelfuse 0285.500HXP Datasheet HTML 3Page - Littelfuse 0285.500HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
285 Series
5×20 mm > Audio & Medical > 285 Series
Please refer to www.littelfuse.com/series/285.html for current information.
Materials
Body : Ceramic
Terminal Strength
Solderability
NA
Product Marking
rating
Product Characteristics
Operating Temperature
–55ºC to +125ºC
Thermal Shock
Vibration
Humidity
Salt Spray
Dimensions
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
285 Series
N/A
100
N/A
N/A
1000
N/A
Part Numbering System
0285.125 XP/XRP
to
0285020 XP/XRP
20+0.5
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
All dimensions in mm
0285 xxxx M X (R) P
Lead Free
Option Codes
Package Code
Quantity Code
Current Rating Code
Series
Blank = Gold-plated caps
R = Rhodium-plated caps
X = Filler
M = 1000
H = 100
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 0285.500HXP

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0285 MILL-MAX-0285 Datasheet
322Kb / 1P
   PIN RECEPTACLES
0285-0-15-01-16-01-10-0 MILL-MAX-0285-0-15-01-16-01-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0285-0-15-01-16-27-10-0 MILL-MAX-0285-0-15-01-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0285-0-15-15-16-27-10-0 MILL-MAX-0285-0-15-15-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
logo
List of Unclassifed Man...
02850 ETC2-02850 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
More results

Similar Description - 0285.500HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
285 LITTELFUSE-285 Datasheet
671Kb / 3P
   285 Series, 5횞20 mm, Audio & Medical Fuse
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
   5 mm x 20 mm fuse holders
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
02341.25MXEP LITTELFUSE-02341.25MXEP Datasheet
143Kb / 3P
   234 Series, 5 x 20 mm, Medium-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com