Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0285001.MXRP Datasheet(PDF) 1 Page - Littelfuse

Part # 0285001.MXRP
Description  285 Series, 5 x 20 mm, Audio & Medical Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0285001.MXRP Datasheet(HTML) 1 Page - Littelfuse

  0285001.MXRP Datasheet HTML 1Page - Littelfuse 0285001.MXRP Datasheet HTML 2Page - Littelfuse 0285001.MXRP Datasheet HTML 3Page - Littelfuse 0285001.MXRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
285 Series
5×20 mm > Audio & Medical > 285 Series
Please refer to www.littelfuse.com/series/285.html for current information.
Features
Applications
Agency Approvals
Agency
Agency File Number
Ampere Range
PS
E
NBK080205-E10480A
NBK250702-E10480E
NBK100408-JP1021A
1A – 5A
6.3A & 15A
20A
Electrical Characteristics for Series
% of Ampere
Rating
Ampere
Rating
OpeningTime
150%
0.125A - 0.5A
60 minutes, Minimum
1A - 3.15A
60 minutes, Minimum
5A - 6.3A
60 minutes, Minimum
8A - 20A
30 minutes, Minimum
210%
0.125A - 0.5A
30 minutes, Maximum
1A - 3.15A
30 minutes, Maximum
5A - 6.3A
30 minutes, Maximum
8A - 20A
30 minutes, Maximum
275%
0.125A - 0.5A
250 ms. Min.; 80 sec. Max.
1A - 3.15A
750 ms. Min.; 80 sec. Max.
5A - 6.3A
750 ms. Min.; 80 sec. Max.
8A - 20A
750 ms. Min.; 80 sec. Max.
400%
0.125A - 0.5A
50 ms. Min.; 5 sec. Max.
1A - 3.15A
95 ms. Min.; 5 sec. Max.
5A - 6.3A
150 ms. Min.; 5 sec. Max.
8A - 20A
150 ms. Min.; 5 sec. Max.
1000%
0.125A - 0.5A
50 ms. Min.; 150 ms. Max.
1A - 3.15A
10 ms. Min.; 150 ms. Max.
5A - 6.3A
10 ms. Min.; 150 ms. Max.
8A - 20A
10 ms. Min.; 150 ms. Max.
Used as supplementary protection in appliance or
utilization equipment in audio and medical equipment
285 Series, 5 x 20 mm, Audio & Medical Fuse
PS
E
5x20mm fuse with gold or rhodium-plated caps and
colourful ceramic body, designed to IEC standard
Description
Revised: May 7, 2010


Similar Part No. - 0285001.MXRP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
02850 ETC2-02850 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
More results

Similar Description - 0285001.MXRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
285 LITTELFUSE-285 Datasheet
671Kb / 3P
   285 Series, 5횞20 mm, Audio & Medical Fuse
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
   5 mm x 20 mm fuse holders
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
02341.25MXEP LITTELFUSE-02341.25MXEP Datasheet
143Kb / 3P
   234 Series, 5 x 20 mm, Medium-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com