Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS-ZULUT Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # DS-ZULUT
Description  Smart Radio Telemetry Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

DS-ZULUT Datasheet(HTML) 6 Page - rfsolutions.ltd

Back Button DS-ZULUT Datasheet HTML 2Page - rfsolutions.ltd DS-ZULUT Datasheet HTML 3Page - rfsolutions.ltd DS-ZULUT Datasheet HTML 4Page - rfsolutions.ltd DS-ZULUT Datasheet HTML 5Page - rfsolutions.ltd DS-ZULUT Datasheet HTML 6Page - rfsolutions.ltd DS-ZULUT Datasheet HTML 7Page - rfsolutions.ltd DS-ZULUT Datasheet HTML 8Page - rfsolutions.ltd DS-ZULUT Datasheet HTML 9Page - rfsolutions.ltd DS-ZULUT Datasheet HTML 10Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ZULU Telemetry
ZULU Telemetry
ZULU Telemetry
ZULU Telemetry
DS-ZULUT-1
The following descriptions apply to the Zulu module in RECEIVER mode
The following descriptions apply to the Zulu module in RECEIVER mode
The following descriptions apply to the Zulu module in RECEIVER mode
The following descriptions apply to the Zulu module in RECEIVER mode
Analogue outputs (pin 4, 5)
Analogue outputs (pin 4, 5)
Analogue outputs (pin 4, 5)
Analogue outputs (pin 4, 5)
If enabled the ZuluRx outputs PWM signal.
The PWM may be used directly (e.g. for motor control)
The PWM signal is a proportional digital output representing the analogue input.
If the analogue input is 0V then the PWM output will be ‘0’
If the analogue input is 1/2Vcc then the PWM output will be a square wave with 50%
duty cycle, (operating at approx 23KHz)
If the analogue input is Vcc then the PWM output will be ’1’
In order to re-create an analogue signal (representing the analogue input at the transmitter)
the output should be fed through an RC network as above.
Digital outputs
Digital outputs
Digital outputs
Digital outputs
CMOS / TTL compatible outputs. Can be connected directly to CMOS/TTL logic or drive
Analogue / Digital (pin 3)
Analogue / Digital (pin 3)
Analogue / Digital (pin 3)
Analogue / Digital (pin 3)
This input configures output 1-2 to be analogue or digital outputs.
Note: this input is read at power up only.
Watchdog Input (pin 13)
Watchdog Input (pin 13)
Watchdog Input (pin 13)
Watchdog Input (pin 13)
When activated the ZuluRx module will automatically expect to receive a watchdog signal from
the ZuluTx on a regular basis (10seconds) If it has failed to receive this within a 30second
period it will assert drop all outputs and flash the RF fault output
RF fault
RF fault
RF fault
RF fault
Direct drive to LED. Flashes when watchdog fails.
RF fault status
RF fault status
RF fault status
RF fault status
Description
Description
Description
Description
OFF
ZuluRx has received watchdog correctly
Flashing at 2Hz
No watchdog received
OFF
watchdog is inactive


Similar Part No. - DS-ZULUT

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
DS-ZULU RFSOLUTIONS-DS-ZULU Datasheet
1,004Kb / 9P
   RF Wireless MCU
DS-ZULUM RFSOLUTIONS-DS-ZULUM Datasheet
3Mb / 12P
   Radio MODEM Module
More results

Similar Description - DS-ZULUT

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
logo
Radiometrix Ltd
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
logo
rfsolutions.ltd
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
   SmartRadio Telemetry Module
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
RF600T-EVAL RFSOLUTIONS-RF600T-EVAL Datasheet
388Kb / 5P
   Smart Radio Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com