Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C54-24 Datasheet(PDF) 11 Page - Winbond

Part # W78C54-24
Description  8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C54-24 Datasheet(HTML) 11 Page - Winbond

Back Button W78C54-24 Datasheet HTML 7Page - Winbond W78C54-24 Datasheet HTML 8Page - Winbond W78C54-24 Datasheet HTML 9Page - Winbond W78C54-24 Datasheet HTML 10Page - Winbond W78C54-24 Datasheet HTML 11Page - Winbond W78C54-24 Datasheet HTML 12Page - Winbond W78C54-24 Datasheet HTML 13Page - Winbond W78C54-24 Datasheet HTML 14Page - Winbond W78C54-24 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
W78C54
Publication Release Date: December 1997
- 11 -
Revision A2
TR1: Timer 1 run control bit. Set/cleared by software to turn timer/counter on or off.
TF0: Timer 0 overflow flag. Set by hardware on timer/counter overflow. Cleared by hardware when
processor vectors to interrupt routine.
TR0: Timer 0 run control bit. Set/cleared by software to turn timer/counter on or off.
IE1: Interrupt 1 edge flag. Set by hardware when external interrupt edge detected. Cleared when
interrupt processed.
IT1: Interrupt 1 type control bit. Set/cleared by software to specify falling edge/low level triggered
external interrupt.
IE0: Interrupt 0 edge flag. Set by hardware when external interrupt edge detected. Cleared when
interrupt processed.
IT0: Interrupt 0 type control bit. Set/cleared by software to specify falling edge/low level triggered
external interrupt.
***T2CON - Timer 2 Control (C8H)
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C//T
CP//RL2
TF2:
Timer 2 overflow flag. Set by a Timer 2 overflow and must be cleared by software. TF2 will
not be set when RCLK = 1 or TCLK = 1.
EXF2:
Timer2 external flag. Set when either a capture or reload is caused by a negative transition
on T2EX and EXEN2 = 1. When Timer 2 interrupt is enabled, EXF2 = 1 will cause the CPU
to vector to the Timer 2 interrupt routine. EXF2 must be cleared by software.
RCLK:
Receive clock flag. RCLK = 1 causes the serial port to use Timer 2 overflow pulses for its
receive clock in mode 1 and 3. RCLK = 0 causes Timer 1 overflow to be used for the
receive
clock.
TCLK:
Transmit clock flag. TCLK = 1 causes the serial port to use Timer 2 overflow pulses for its
transmit clock in mode 1 and 3. TCLK = 0 causes Timer 1 overflow to be used for the
transmit clock.
EXEN2: Timer 2 external enable flag. EXEN2 = 1 allows a capture or reload to occur as a result of a
negative transition on T2EX if Timer 2 is not used to clock the serial port. EXEN2 = 0
causes
Timer 2 to ignore events at T2EX.
TR2:
TR2 = 1/0: turns on/off Timer 2.
C//T:
Timer or Counter select. Set 1/0 for external event counter(falling edge triggered)/inter
timer.
CP//RL2: Capture/reload flag.
*Reduced EMI Mode
The AO bit in the AUXR register, when set, disables the ALE output.
***AUXR - Auxiliary Register (8EH)
-
-
-
-
-
-
-
AO
AO: Turn off ALE output.


Similar Part No. - W78C54-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C51 WINBOND-W78C51 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C516 WINBOND-W78C516 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516-24 WINBOND-W78C516-24 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516-40 WINBOND-W78C516-40 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516F-24 WINBOND-W78C516F-24 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C54-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com