Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0275020.MXL Datasheet(PDF) 3 Page - Littelfuse

Part # 0275020.MXL
Description  275 Series, PICO , Very Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0275020.MXL Datasheet(HTML) 3 Page - Littelfuse

  0275020.MXL Datasheet HTML 1Page - Littelfuse 0275020.MXL Datasheet HTML 2Page - Littelfuse 0275020.MXL Datasheet HTML 3Page - Littelfuse 0275020.MXL Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revised: March 4, 2009
205
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
275 Series
Please refer to www.littelfuse.com/series/275.html
for current information.
PICO® > Very Fast-Acting > 275 Series
Materials
Solderability
Lead Pull Force
Product Characteristics
Operating Temperature
Shock
Condition I (100 G’s peak for 6
Vibration
(Vibrations of 10-2000 cps at 20 G’s)
Moisture Resistance
3/4 A
Transparent
Insulating Sleeve
B
B
A
C
DIA.
275 000 Series
Amperage
20 - 30
7.87
(.31")
27.78
(1.094")
3.38
(.133")
1.016
(.040")
D
B
C
A
D
Dimensions in mm (inches)
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity &
Packaging Code
EIA 296
0275 xxxx M R T1 L
Lead Length
T1 = 52.4mm (2.062”)
Blank = For Loose pack (MXL,VXL)
RoHS
Only RoHS parts are available for
275 Series
Type of Packaging
R = Reel
X = Loose Pack
Quantity
M = 1000
V = 5
Current Rating
Refer to Amp Code column of
Electrical Characteristics Table
Series
275


Similar Part No. - 0275020.MXL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0275020.M- LITTELFUSE-0275020.M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
More results

Similar Description - 0275020.MXL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
460 LITTELFUSE-460 Datasheet
26Kb / 1P
   PICO SMF Very Fast-Acting Type Fuse 459 Series
459 LITTELFUSE-459 Datasheet
65Kb / 1P
   PICO SMF Very Fast-Acting Type Fuse 459 Series
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
451 LITTELFUSE-451 Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
logo
Bel Fuse Inc.
C1Q BEL-C1Q_17 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q BEL-C2Q_17 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com