Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744071039 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744071039
Description  POWER-CHOKE WE-TPC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744071039 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744071039 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744071039 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744071039 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
4,00 ± 0,1
mm
B
12,00 ± 0,1
mm
C
16,0 ± 0,2
mm
a
178,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
50,00 ± 1,0
mm
CZ
11-12-16
CZ
11-06-27
Name
Datum / date
..................................................................................
Änderung / modification
SPEICHERDROSSEL WE-TPC
POWER-CHOKE WE-TPC
DATUM / DATE : 2011-12-16
Artikelnummer / part number :
744071039
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Würth Elektronik
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
Spezifikation für Freigabe / specification for release
Kunde / customer :
Version 1
Version 2
A
B
C
Ø c
a
d
b
no component /
200 mm min.
components
no components /
400 mm min.
End
Start
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
XXX
XXX
SEITE 3 VON 3


Similar Part No. - 744071039

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7440710082 WURTH-7440710082 Datasheet
148Kb / 3P
   POWER-CHOKE WE-TPC
744071022 WURTH-744071022 Datasheet
147Kb / 3P
   POWER-CHOKE WE-TPC
744071047 WURTH-744071047 Datasheet
147Kb / 3P
   POWER-CHOKE WE-TPC
744071047 WURTH-744071047_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
744071056 WURTH-744071056 Datasheet
147Kb / 3P
   POWER-CHOKE WE-TPC
More results

Similar Description - 744071039

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74402800011 WURTH-74402800011 Datasheet
320Kb / 3P
   POWER-CHOKE WE-TPC
744025003 WURTH-744025003 Datasheet
133Kb / 3P
   POWER-CHOKE WE-TPC
744031001 WURTH-744031001 Datasheet
140Kb / 3P
   POWER-CHOKE WE-TPC
744029003 WURTH-744029003 Datasheet
320Kb / 3P
   POWER-CHOKE WE-TPC
744062150 WURTH-744062150 Datasheet
142Kb / 3P
   POWER-CHOKE WE-TPC
744066100 WURTH-744066100 Datasheet
114Kb / 3P
   POWER-CHOKE WE-TPC
744053004 WURTH-744053004 Datasheet
219Kb / 3P
   POWER-CHOKE WE-TPC
744053270 WURTH-744053270 Datasheet
140Kb / 3P
   POWER-CHOKE WE-TPC
744066151 WURTH-744066151 Datasheet
115Kb / 3P
   POWER-CHOKE WE-TPC
744043003 WURTH-744043003 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
744043008 WURTH-744043008 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com