Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C51DF-40 Datasheet(PDF) 7 Page - Winbond

Part # W78C51DF-40
Description  8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C51DF-40 Datasheet(HTML) 7 Page - Winbond

Back Button W78C51DF-40 Datasheet HTML 3Page - Winbond W78C51DF-40 Datasheet HTML 4Page - Winbond W78C51DF-40 Datasheet HTML 5Page - Winbond W78C51DF-40 Datasheet HTML 6Page - Winbond W78C51DF-40 Datasheet HTML 7Page - Winbond W78C51DF-40 Datasheet HTML 8Page - Winbond W78C51DF-40 Datasheet HTML 9Page - Winbond W78C51DF-40 Datasheet HTML 10Page - Winbond W78C51DF-40 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Preliminary W78C51D
Publication Release Date: January 1999
- 7 -
Revision A1
alternative function pins. It can be used as general I/O pins or external interrupt input sources ( INT2 /
INT3 ).
Example: P4
REG
0D8H
MOV
P4, #0AH
; Output data "A" through P4.0
−P4.3.
MOV
A, P4
; Read P4 status to Accumulator.
SETB
P4.0
; Set bit P4.0
CLR
P4.1
; Clear bit P4.1
Watchdog Timer
The Watchdog timer is a free-running timer which can be programmed by the user to serve as a
system monitor, a time-base generator or an event timer. It is basically a set of dividers that divide
the system clock. The divider output is selectable and determines the time-out interval. When the
time-out occurs a system reset can also be caused if it is enabled. The main use of the Watchdog
timer is as a system monitor. This is important in real-time control applications. In case of power
glitches or electro-magnetic interference, the processor may begin to execute errant code. If this is
left unchecked the entire system may crash. The watchdog time-out selection will result in different
time-out values depending on the clock speed. The Watchdog timer will de disabled on reset. In
general, software should restart the Watchdog timer to put it into a known state. The control bits that
support the Watchdog timer are discussed below.
Watchdog Timer Control Register
Bit:
7
6
5
4
3
2
1
0
ENW
CLRW
WIDL
-
-
PS2
PS1
PS0
Mnemonic: WDTC
Address: 8FH
ENW : Enable watch-dog if set.
CLRW : Clear watch-dog timer and prescaler if set. This flag will be cleared automatically
WIDL : If this bit is set, watch-dog is enabled under IDLE mode. If cleared, watch-dog is disabled
under IDLE mode. Default is cleared.
PS2, PS1, PS0 : Watch-dog prescaler timer select. Prescaler is selected when set PS2~0 as follows:
PS2 PS1 PS0
PRESCALER SELECT
0
0
0
2
0
1
0
4
0
0
1
8
0
1
1
16
1
0
0
32
1
0
1
64
1
1
0
128
1
1
1
256


Similar Part No. - W78C51DF-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C51 WINBOND-W78C51 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C516 WINBOND-W78C516 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516-24 WINBOND-W78C516-24 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516-40 WINBOND-W78C516-40 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516F-24 WINBOND-W78C516F-24 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C51DF-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com