Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78588-1552 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 78588-1552
Description  Ultra-Low-Profile DDR3 DIMM Sockets
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

78588-1552 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  78588-1552 Datasheet HTML 1Page - Molex Electronics Ltd. 78588-1552 Datasheet HTML 2Page - Molex Electronics Ltd. 78588-1552 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.molex.com/link/ddr3.html
©2012 Molex
Order No. 987650-7881
Printed in USA/KC/2012.09
Ordering Information
Order No.
Housing Color
Latch Color
Plating (Contact Area)
78588-0002
Black
Black
0.76µm (30µ") Gold (Au)
78588-1502
0.38µm (15µ") Gold (Au)
78588-1552
Natural (off-white)
78588-1562
Natural (off-white)
Ultra-Low-Profile
DDR3 DIMM
Sockets
Typical applications of Ultra-Low-Profile DDR3 DIMM Sockets
Applications
Data/Network/Telecom
– Desktop PCs
– Servers
– Workstations
– Routers
– Switches
– Storage systems
– Base stations
– Server farms
– Voice gateways
Industrial
– Programmable logic systems
Medical
– Advanced imaging devices


Similar Part No. - 78588-1552

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
785870 WINCHESTER-785870 Datasheet
57Kb / 1P
   RETRO FIT ASSY
785873 WINCHESTER-785873 Datasheet
66Kb / 1P
   RETRO FIT ASSY
785874 WINCHESTER-785874 Datasheet
63Kb / 1P
   RETRO FIT ASSY
785876 WINCHESTER-785876 Datasheet
64Kb / 1P
   RETRO FIT ASSY
More results

Similar Description - 78588-1552

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-2013290-1 MACOM-2-2013290-1 Datasheet
348Kb / 4P
   DDR3 DIMM Sockets
logo
List of Unclassifed Man...
SGU02G72H1BG2MT-BB[EW]RT ETC-SGU02G72H1BG2MT-BB[EW]RT Datasheet
662Kb / 17P
   2048MB DDR3 . SDRAM Ultra Low Profile ECC DIMM
SGU02G72H1BG2SA-BBRT ETC-SGU02G72H1BG2SA-BBRT Datasheet
501Kb / 15P
   2048MB DDR3 ??SDRAM Ultra Low Profile ECC DIMM
SGU04G72H1BD2SA-BB[EW]RT ETC-SGU04G72H1BD2SA-BB[EW]RT Datasheet
647Kb / 17P
   4096MB DDR3 ??SDRAM Ultra Low Profile ECC DIMM
logo
Molex Electronics Ltd.
0785881562 MOLEX11-0785881562 Datasheet
32Kb / 2P
   1.00mm Pitch DIMM DDR3 Socket, Ultra Low Profile, Through Hole
0785880052 MOLEX11-0785880052 Datasheet
32Kb / 2P
   1.00mm Pitch DIMM DDR3 Socket, Ultra Low Profile, Through Hole, Vertical
0785880002 MOLEX11-0785880002 Datasheet
32Kb / 2P
   1.00mm Pitch DIMM DDR3 Socket, Ultra Low Profile, Through Hole, Vertical
0785881552 MOLEX11-0785881552 Datasheet
32Kb / 2P
   1.00mm Pitch DIMM DDR3 Socket, Ultra Low Profile, Through Hole, Vertical
0785650001 MOLEX11-0785650001 Datasheet
34Kb / 2P
   1.00mm Pitch Aerodynamic DDR3 DIMM Socket, Low Profile, Vertical
0783590111 MOLEX11-0783590111 Datasheet
34Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, Very Low Profile, 25 Angle,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com