Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E51BF-24 Datasheet(PDF) 11 Page - Winbond

Part # W78E51BF-24
Description  8-BIT MTP MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E51BF-24 Datasheet(HTML) 11 Page - Winbond

Back Button W78E51BF-24 Datasheet HTML 7Page - Winbond W78E51BF-24 Datasheet HTML 8Page - Winbond W78E51BF-24 Datasheet HTML 9Page - Winbond W78E51BF-24 Datasheet HTML 10Page - Winbond W78E51BF-24 Datasheet HTML 11Page - Winbond W78E51BF-24 Datasheet HTML 12Page - Winbond W78E51BF-24 Datasheet HTML 13Page - Winbond W78E51BF-24 Datasheet HTML 14Page - Winbond W78E51BF-24 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Preliminary W78E51B
Publication Release Date: December 1998
- 11 -
Revision A1
B0
B1
B0 : Lock bit, logic 0 : active
B1 : MOVC inhibit,
logic 0 : the MOVC instruction in external memory
cannot access the code in internal memory.
logic 1 : no restriction.
Default 1 for all security bits.
Special Setting Registers
Company ID (#DAH)
D7 D6 D5 D4 D3 D2 D1 D0
1
1
0
1
1
0
1
0
Device ID (#E0H)
1
1
1
0
0
0
0
Security Bits
0
4KB MTP ROM
Program Memory
Reserved
Security Register
0FFFFh
0000h
0FFFh
Reserved
B2
B2 : Encryption
logic 0 : the encryption logic enable
logic 1 : the encryption logic disable
Reserved bits must be kept in logic 1.
B7
B7 : Osillator Control
logic 0 : 1/2 gain
logic 1 : Full gain
Lock bit
This bit is used to protect the customer's program code in the W78E51B. It may be set after the
programmer finishes the programming and verifies sequence. Once this bit is set to logic 0, both the
MTP ROM data and Special Setting Registers can not be accessed again.
MOVC Inhibit
This bit is used to restrict the accessible region of the MOVC instruction. It can prevent the MOVC
instruction in external program memory from reading the internal program code. When this bit is set
to logic 0, a MOVC instruction in external program memory space will be able to access code only in
the external memory, not in the internal memory. A MOVC instruction in internal program memory
space will always be able to access the ROM data in both internal and external memory. If this bit is
logic 1, there are no restrictions on the MOVC instruction.
Encryption
This bit is used to enable/disable the encryption logic for code protection. Once encryption feature is
enabled, the data presented on port 0 will be encoded via encryption logic. Only whole chip erase will
reset this bit.
P1
P3.0
P3.1
P3.2
P3.3
P3.6
P3.7
X'tal1
X'tal2
P0
EA/Vpp
ALE
RST
PSEN
P2
Vss
A0 to A7
VCP
VIL
VIH
VIL
VIL
VIL
VIL
VIL
A8 to A15
PGM DATA
VIH
VIH
+5V
Programming Configuration
VDD
P1
P3.0
P3.1
P3.2
P3.3
P3.6
P3.7
X'tal1
X'tal2
P0
EA/Vpp
ALE
RST
PSEN
P2
Vss
A0 to A7
VCP
VIL
VIH
VIL
VIL
VIL
VIL
VIL
A8 to A15
PGM DATA
VIH
VIH
+5V
Programming Verification
VDD


Similar Part No. - W78E51BF-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E51B WINBOND-W78E51B Datasheet
187Kb / 25P
   8-BIT MICROCONTROLLER
W78E51B WINBOND-W78E51B_05 Datasheet
187Kb / 25P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E51BF-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE812 WINBOND-W78LE812 Datasheet
338Kb / 25P
   8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
   MARC4 4-bit MTP Universal Microcontroller
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
   8-bit MTP Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com