Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E54-40 Datasheet(PDF) 4 Page - Winbond

Part # W78E54-40
Description  8-BIT MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E54-40 Datasheet(HTML) 4 Page - Winbond

  W78E54-40 Datasheet HTML 1Page - Winbond W78E54-40 Datasheet HTML 2Page - Winbond W78E54-40 Datasheet HTML 3Page - Winbond W78E54-40 Datasheet HTML 4Page - Winbond W78E54-40 Datasheet HTML 5Page - Winbond W78E54-40 Datasheet HTML 6Page - Winbond W78E54-40 Datasheet HTML 7Page - Winbond W78E54-40 Datasheet HTML 8Page - Winbond W78E54-40 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
W78E54
- 4 -
Flash
No function in this mode.
EA/VPP
MODE
DESCRIPTION
Normal
EA , External Access, Input, active low.
This pin forces the processor to execute a program from the external ROM. When the
internal flash EEPROM is accessed as in the W78C54, this pin should be kept high.
Flash
VPP, Program Power supply pin, Input.
This pin accepts the high voltage (12V) needed for programming the flash EEPROM.
RST
MODE
DESCRIPTION
Normal
RST, Reset, Input, active high.
This pin resets the processor. It must be kept high for at least two machine cycles in
order to be recognized by the processor.
Flash
Flash mode configuration pin, Input, active high.
RST is used to configure the flash operations. For details, see
Flash Operations.
ALE
MODE
DESCRIPTION
Normal
ALE, Address Latch Enable, Output, active high.
ALE is used to enable the address latch that separates the address from the data on
Port 0. ALE runs at 1/6th of the oscillator frequency. A single ALE pulse is skipped
during external data memory accesses. ALE goes to a high impedance state with a
weak pull-up during reset state.
Flash
Flash mode configuration pin, Input, active low.
ALE is used to configure the flash operations. For details, see
Flash Operations.
PSEN
MODE
DESCRIPTION
Normal
PSEN, Program Store Enable, Output, active low.
This pin enables the external ROM onto the Port 0 address/data bus during fetch and
MOVC operations. PSEN goes to a high impedance state with a weak pull-up during
reset state
Flash
Flash mode configuration pin, Input, active high.
PSEN is used to configure the flash operations. For details, see
Flash Operations.
XTAL1
MODE
DESCRIPTION


Similar Part No. - W78E54-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
W78E54B WINBOND-W78E54B Datasheet
320Kb / 25P
   8-BIT MICROCONTROLLER
W78E54B WINBOND-W78E54B_06 Datasheet
320Kb / 25P
   8-BIT MICROCONTROLLER
W78E54C WINBOND-W78E54C Datasheet
239Kb / 24P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E54-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com