Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8225M Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8225M
Description  Dual 15A/Single 30A Step-Down Power Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8225M Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8225M Datasheet HTML 5Page - Intersil Corporation ISL8225M Datasheet HTML 6Page - Intersil Corporation ISL8225M Datasheet HTML 7Page - Intersil Corporation ISL8225M Datasheet HTML 8Page - Intersil Corporation ISL8225M Datasheet HTML 9Page - Intersil Corporation ISL8225M Datasheet HTML 10Page - Intersil Corporation ISL8225M Datasheet HTML 11Page - Intersil Corporation ISL8225M Datasheet HTML 12Page - Intersil Corporation ISL8225M Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ISL8225M
9
FN7822.0
December 3, 2012
Typical Performance Characteristics
Efficiency Performance
TA = +25°C, if not specified, as shown in Figure 18 with 2nd phase disabled. The efficiency equation is
as follows:
FIGURE 3. EFFICIENCY vs LOAD CURRENT (5VIN AT 500kHz)
FIGURE 4. EFFICIENCY vs LOAD CURRENT (12VIN)
FIGURE 5. EFFICIENCY vs LOAD CURRENT (20VIN)
FIGURE 6. EFFICIENCY vs LOAD CURRENT (PARALLEL SINGLE
OUTPUT, AS SHOWN IN FIGURE 19 AT 5VIN/500kHz)
FIGURE 7. EFFICIENCY vs LOAD CURRENT (PARALLEL SINGLE OUTPUT, AS SHOWN IN FIGURE 19 AT 12VIN/500kHz
Efficiency
Output Power
Input Power
-----------------------------------------
POUT
PIN
----------------
VOUTxIOUT
()
VINxIIN
()
--------------------------------------
==
=
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
LOAD CURRENT (A)
1V
1.2V
1.5V
1.8V
2.5V
3.3V
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
LOAD CURRENT (A)
1.5V AT 500kHz
1.8V AT 500kHz
2.5V AT 500kHz
3.3V AT 650kHz
5V AT 850kHz
1.2V AT 500kHz
1V AT 500kHz
50
55
60
65
70
75
80
85
90
95
100
0
2468
10
12
14
16
LOAD CURRENT (A)
1.5V AT 500kHz
1.8V AT 500kHz
2.5V AT 500kHz
3.3V AT 650kHz
5V AT 900kHz
1.2V AT 500kHz
1V AT 500kHz
70
75
80
85
90
95
100
0
5
10
15
20
25
30
LOAD CURRENT (A)
1.2VOUT
1.5VOUT
2.5VOUT
1.8VOUT
1VOUT
60
65
70
75
80
85
90
95
0
5
10
15
20
25
30
LOAD CURRENT (A)
1.2VOUT
1.5VOUT
2.5VOUT
1.8VOUT
1VOUT


Similar Part No. - ISL8225M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
logo
Intersil Corporation
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL8225MEVAL2Z RENESAS-ISL8225MEVAL2Z Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
logo
Intersil Corporation
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL8225MEVAL3Z RENESAS-ISL8225MEVAL3Z Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
More results

Similar Description - ISL8225M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M_13 Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Renesas Technology Corp
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
   30A/30A Dual-Channel Digital PMBus Step-Down Power Module
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
   15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
   15A 42V Single-Channel DC/DC Step-Down Power Module
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
   15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
   15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
   2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com