Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78L54 Datasheet(PDF) 1 Page - Winbond

Part # W78L54
Description  8-BIT MICROCONTROLLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L54 Datasheet(HTML) 1 Page - Winbond

  W78L54 Datasheet HTML 1Page - Winbond W78L54 Datasheet HTML 2Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
W78L54
8-BIT MICROCONTROLLER
Publication Release Date: Sep. 1998
- 1 -
Revision A0
GENERAL DESCRIPTION
The W78L54 microcontroller supplies a wider frequency and supply voltage range than most 8-bit
microcontrollers on the market. It is compatible with the industry standard 80C54 microcontroller
series. The W78L54 contains four 8-bit bidirectional parallel ports, one extra 4-bit bit-addressable I/O
port (Port 4) and two additional external interrupts ( INT2 , INT3 ), three 16-bit timer/counters, one
watchdog timer and a serial port. These peripherals are supported by a eight-source, two-level
interrupt capability. There are 256 bytes of RAM and an 16K byte mask ROM for application
programs.
The W78L54 microcontroller has two power reduction modes, idle mode and power-down mode, both
of which are software selectable. The idle mode turns off the processor clock but allows for continued
peripheral operation. The power-down mode stops the crystal oscillator for minimum power
consumption. The external clock can be stopped at any time and in any state without affecting the
processor.
FEATURES
Fully static design
• Supply voltage of 1.8V to 5.5V
DC-24 MHz operation
256 bytes of on-chip scratchpad RAM
• 16K bytes of on-chip mask ROM
64K bytes program memory address space
64K bytes data memory address space
Four 8-bit bidirectional ports
Three 16-bit timer/counters
One full duplex serial port
• Eight-source, two-level interrupt capability
One extra 4-bit bit-addressable I/O port
• Two additional external interrupts INT2 / INT3
• Watchdog timer
• EMI reduction mode
Built-in power management
Code protection
Packages:
− DIP 40: W78L54-24
− PLCC 44: W78L54P-24
− QFP 44: W78L54F-24


Similar Part No. - W78L54

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L51 WINBOND-W78L51 Datasheet
256Kb / 18P
   8-BIT MICROCONTROLLER
W78L51-24 WINBOND-W78L51-24 Datasheet
256Kb / 18P
   8-BIT MICROCONTROLLER
W78L516A24DL WINBOND-W78L516A24DL Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
W78L516A24FL WINBOND-W78L516A24FL Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
W78L516A24LL WINBOND-W78L516A24LL Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L54

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com