Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002-7-F Datasheet(PDF) 3 Page - Intersil Corporation

Part # 2N7002-7-F
Description  ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

2N7002-7-F Datasheet(HTML) 3 Page - Intersil Corporation

  2N7002-7-F Datasheet HTML 1Page - Intersil Corporation 2N7002-7-F Datasheet HTML 2Page - Intersil Corporation 2N7002-7-F Datasheet HTML 3Page - Intersil Corporation 2N7002-7-F Datasheet HTML 4Page - Intersil Corporation 2N7002-7-F Datasheet HTML 5Page - Intersil Corporation 2N7002-7-F Datasheet HTML 6Page - Intersil Corporation 2N7002-7-F Datasheet HTML 7Page - Intersil Corporation 2N7002-7-F Datasheet HTML 8Page - Intersil Corporation 2N7002-7-F Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Application Note 1793
3
AN1793.1
December 6, 2012
However, if the output voltage is increased or the board is
operated at elevated temperatures, then the available current is
derated. Refer to the derated current curves in the datasheet to
determine the output current available.
For layout of designs using the ISL8225M, the thermal
performance can be improved by adhering to the following
design tips:
1. Use the top and bottom layers to carry the large current.
VOUT1, VOUT2, Phase 1, Phase 2, PGND, VIN1 and VIN2
should have large, solid planes. Place enough thermal vias to
connect the power planes in different layers under and
around the module.
2. Phase 1 and Phase 2 pads are switching nodes that generate
switching noise. Keep these pads under the module. For
noise-sensitive applications, it is recommended to keep
phase pads only on the top and inner layers of the PCB; do not
place phase pads exposed to the outside on the bottom layer
of the PCB. To improve the thermal performance, the phase
pads can be extended in the inner layer, as shown in Phase 1
and Phase 2 pads on layer 2 (Figure 5) for this dual 15A
evaluation board. Make sure that layer 1 and layer 3 have the
GND layers to cover the extended areas of phase pads at
layer 2 to avoid noise coupling.
3. Place the modules evenly on the board and leave enough
space between modules. If the board space is limited, try to
put the modules with low power loss closely together (i.e. low
VOUT or IOUT) while still separating the module with high power
loss.
4. If the ambient temperature is high or the board space is
limited, airflow is needed to dissipate more heat from the
modules. A heat sink can also be applied to the top side of the
module to further improve the thermal performance (heat
sink recommendation: Aavid Thermalloy, part number
375424B00034G, www.aavid.com).


Similar Part No. - 2N7002-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002-7-F DIODES-2N7002-7-F Datasheet
237Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11303 Rev. 19- 2
2N7002-7-F DIODES-2N7002-7-F Datasheet
92Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11303 Rev. 24 - 2
logo
Texas Instruments
2N7002-7-F TI1-2N7002-7-F Datasheet
249Kb / 12P
[Old version datasheet]   bq2026 Evaluation Software
logo
Intersil Corporation
2N7002-7-F INTERSIL-2N7002-7-F Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
Diodes Incorporated
2N7002-7-F DIODES-2N7002-7-F Datasheet
118Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 2N7002-7-F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
AN1077 INTERSIL-AN1077 Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com