Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11046 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11046
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11046 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11046 Datasheet HTML 7Page - Maxim Integrated Products MAX11046 Datasheet HTML 8Page - Maxim Integrated Products MAX11046 Datasheet HTML 9Page - Maxim Integrated Products MAX11046 Datasheet HTML 10Page - Maxim Integrated Products MAX11046 Datasheet HTML 11Page - Maxim Integrated Products MAX11046 Datasheet HTML 12Page - Maxim Integrated Products MAX11046 Datasheet HTML 13Page - Maxim Integrated Products MAX11046 Datasheet HTML 14Page - Maxim Integrated Products MAX11046 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
11
Maxim Integrated
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
Pin Description (continued)
PIN
MAX11044
(TQFN-EP)
MAX11045
(TQFN-EP)
MAX11046
(TQFN-EP)
NAME
FUNCTION
24, 30, 41, 47
24, 30, 41, 47
24, 30, 41, 47
AVDD
Analog Supply Input. Bypass AVDD to AGND with a
0.1µF capacitor at each AVDD input.
25, 31, 40, 46
25, 31, 40, 46
25, 31, 40, 46
AGND
Analog Ground. Connect all AGND inputs together.
32
29
26
CH0
Channel 0 Analog Input
34
32
29
CH1
Channel 1 Analog Input
37
34
32
CH2
Channel 2 Analog Input
39
37
34
CH3
Channel 3 Analog Input
36
36
36
REFIO
External Reference Input/Internal Reference Output.
Place a 0.1µF capacitor from REFIO to AGND.
39
37
CH4
Channel 4 Analog Input
42
39
CH5
Channel 5 Analog Input
42
CH6
Channel 6 Analog Input
45
CH7
Channel 7 Analog Input
52
52
52
WR
Active-Low Write Input. Drive WR low to write to the
ADC. Configuration registers are loaded on the rising
edge of WR.
53
53
54
CS
Active-Low Chip-Select Input. Drive CS low when
reading from or writing to the ADC.
54
54
54
RD
Active-Low Read Input. Drive RD low to read from the
ADC. Each rising edge of RD advances the channel
output on the data bus.
55
55
55
DB15
16-Bit Parallel Data Bus Digital Output Bit 15
56
56
56
DB14
16-Bit Parallel Data Bus Digital Output Bit 14
26, 29, 42, 45
26, 45
I.C.
Internally Connected. Connect to AGND.
——
EP
Exposed Pad. Internally connected to AGND. Connect to
a large ground plane to maximize thermal performance.
Not intended as an electrical connection point.


Similar Part No. - MAX11046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11046 MAXIM-MAX11046 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11046 MAXIM-MAX11046 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
   8-Channel Simultaneous- Sampling Analog Front End
2013
MAX11046ECB++ MAXIM-MAX11046ECB+ Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11046ECB++ MAXIM-MAX11046ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com