Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11046 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11046
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11046 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11046 Datasheet HTML 1Page - Maxim Integrated Products MAX11046 Datasheet HTML 2Page - Maxim Integrated Products MAX11046 Datasheet HTML 3Page - Maxim Integrated Products MAX11046 Datasheet HTML 4Page - Maxim Integrated Products MAX11046 Datasheet HTML 5Page - Maxim Integrated Products MAX11046 Datasheet HTML 6Page - Maxim Integrated Products MAX11046 Datasheet HTML 7Page - Maxim Integrated Products MAX11046 Datasheet HTML 8Page - Maxim Integrated Products MAX11046 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
5
Maxim Integrated
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +4.75V to +5.25V, VDVDD = +2.70V to +5.25V, VAGNDS = VAGND = VDGND = 0V, VREFIO = internal reference, CRDC = 4 x
33µF, CREFIO = 0.1µF, CAVDD = 4 x 0.1µF || 10µF, CDVDD = 3 x 0.1µF || 10µF; all digital inputs at DVDD or DGND, unless otherwise
noted, fSAMPLE = 250ksps. TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RD Rise to CS Rise
t10
0ns
RD High Time
t11
10
ns
RD Fall to Data Valid
t12
35
ns
RD Rise to Data Hold Time
t13
(Note 7)
5
ns
Note 1:
See the
Definitions section at the end of the data sheet.
Note 2:
Tested with alternating channels modulated at full scale and ground.
Note 3:
See the
Input Range and Protection section for more details.
Note 4:
CLOAD = 30pF on DB0–DB15 and EOC. Inputs (CH0–CH7) alternate between full scale and zero scale. fCONV = 250ksps.
All data is read out.
Note 5:
Defined as the change in positive full scale caused by a ±2% variation in the nominal supply voltage.
Note 6:
It is recommended that RD, WR, and CS are kept high for the quiet time (tQ) and conversion time (tCON).
Note 7:
Guaranteed by design.
INTEGRAL NONLINEARITY vs. CODE
(MAX1104_)
OUTPUT CODE (DECIMAL)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
VAVDD = 5.0V
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
DIFFERENTIAL NONLINEARITY vs. CODE
(MAX1104_)
OUTPUT CODE (DECIMAL)
-0.800
-0.600
-0.400
-0.200
0
0.200
0.400
0.600
0.800
1.000
-1.000
VAVDD = 5.0V
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
INL AND DNL vs. ANALOG SUPPLY VOLTAGE
(MAX1104_)
VAVDD (V)
5.15
5.05
4.95
4.85
-0.6
-0.2
0.2
0.6
1.0
-1.0
4.75
5.25
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
MAX INL
MAX DNL
MIN DNL
MIN INL
Typical Operating Characteristics
(VAVDD = 5V, VDVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)


Similar Part No. - MAX11046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11046 MAXIM-MAX11046 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11046 MAXIM-MAX11046 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
   8-Channel Simultaneous- Sampling Analog Front End
2013
MAX11046ECB++ MAXIM-MAX11046ECB+ Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11046ECB++ MAXIM-MAX11046ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com