Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54360_1212 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54360_1212
Description  60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54360_1212 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54360_1212 Datasheet HTML 1Page - Texas Instruments TPS54360_1212 Datasheet HTML 2Page - Texas Instruments TPS54360_1212 Datasheet HTML 3Page - Texas Instruments TPS54360_1212 Datasheet HTML 4Page - Texas Instruments TPS54360_1212 Datasheet HTML 5Page - Texas Instruments TPS54360_1212 Datasheet HTML 6Page - Texas Instruments TPS54360_1212 Datasheet HTML 7Page - Texas Instruments TPS54360_1212 Datasheet HTML 8Page - Texas Instruments TPS54360_1212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Error
Amplifier
Boot
Charge
Boot
UVLO
UVLO
Current
Sense
Oscillator
with PLL
Frequency
Foldback
Logic
Slope
Compensation
PWM
Comparator
Minimum
Clamp
Pulse
Skip
Maximum
Clamp
Voltage
Reference
Reference
DAC for
Soft- Start
FB
COMP
RT/ CLK
SW
BOOT
VIN
GND
Thermal
Shutdown
EN
Enable
Comparator
Shutdown
Logic
Shutdown
Enable
Threshold
6
8/8/ 2012 A 0192789
Logic
Shutdown
POWERPAD
Shutdown
OV
TPS54360
www.ti.com
SLVSBB4C – AUGUST 2012 – REVISED OCTOBER 2012
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS54360


Similar Part No. - TPS54360_1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360 TI-TPS54360_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS54360 60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
More results

Similar Description - TPS54360_1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360 TI-TPS54360_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS54360 60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54340 TI-TPS54340_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com