Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1045-00101-50V10 Datasheet(PDF) 1 Page - Intersil Corporation

Part # H1045-00101-50V10
Description  ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

H1045-00101-50V10 Datasheet(HTML) 1 Page - Intersil Corporation

  H1045-00101-50V10 Datasheet HTML 1Page - Intersil Corporation H1045-00101-50V10 Datasheet HTML 2Page - Intersil Corporation H1045-00101-50V10 Datasheet HTML 3Page - Intersil Corporation H1045-00101-50V10 Datasheet HTML 4Page - Intersil Corporation H1045-00101-50V10 Datasheet HTML 5Page - Intersil Corporation H1045-00101-50V10 Datasheet HTML 6Page - Intersil Corporation H1045-00101-50V10 Datasheet HTML 7Page - Intersil Corporation H1045-00101-50V10 Datasheet HTML 8Page - Intersil Corporation H1045-00101-50V10 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Copyright Intersil Americas Inc. 2012. All Rights Reserved.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Application Note 1789
ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup
Procedure
The ISL8225M is a complete, dual step-down switching mode
DC/DC module. The dual outputs can easily be paralleled for
single-output, high-current use. It is easy to apply this
high-power, current-sharing DC/DC power module to
power-hungry datacom, telecom, and FPGA applications. All
that is needed in order to have a complete, dual 15A design
ready for use are the ISL8225M, a few passive components,
and VOUT setting resistors.
The ease of use virtually eliminates design and manufacturing
risks while dramatically improving time to market. Need more
output current? Simply parallel up to six ISL8225M modules to
scale up to an 180A solution.
The ISL8225M has a thermally enhanced, compact QFN
package that operates at full load and over-temperature
without requiring forced-air cooling. Easy access to all pins,
with few external components, reduces PCB design to a
component layer and a simple ground layer.
The ISL8225MEVAL2Z evaluation board allows for a single
6-phase paralleled output, which delivers high current up to
90A. The input voltage is 4.5V to 20V and the default output
voltage on this board is set at 1.2V. The current level for this
board is 90A with no extra cooling required.
Related Resources
Recommended Equipment
• 0V to 20V power supply with at least 10A source current
capability
• Electronic load capable of sinking current up to 90A
(multiple electronic current loads can be used in parallel to
sink more current)
• Digital multimeters (DMMs)
• 100MHz quad-trace oscilloscope
Quick Start
The inputs are J3 (VIN) and J4 (GND). The outputs are J1 and
J5 (VOUT), J2 and J6 (GND) and J6 (VOUT2). Please refer to
Figure 1. This 90A evaluation board can be easily modified to
30A (one module) or 60A (two modules) operation.
1. Connect a power supply capable of sourcing at least 10A to
the input (VIN J3 & GND J4) of the ISL8225MEVAL2Z
evaluation board, with a voltage between 4.5V to 20V.
Connect an electronic load or the device to be powered to
the output (VOUT (J1, J5) & GND (J2, J6)) of the board. All
connections, especially the low voltage, high current VOUT
lines, should be able to carry the desired load current and
should be made as short as possible. Duplicated tab
connections on VOUT (J1, J5) and GND (J2, J6) to carry large
current.
2. Ensure the jumpers for EN2 and EN3 are in the “ON”
position and EN is open. Turn on the power supply. If the
board is working properly, the green LED will illuminate; if
not, the red LED will illuminate (recheck the wire/jumper
connections in this case). Measure the output voltage, VOUT,
which should be at 1.2V.
3. The ISL8225MEVAL2Z is manufactured with a VOUT default
value of 1.2V; if different output voltages are desired, board
resistors can be exchanged to provide the desired VOUT. Please
refer to Table 1 on page 2 for R2/R64 resistor values, which
can be used to produce different output voltages.
See how-to
video at
intersil.com/
evid02
FIGURE 1. ISL8225MEVAL2Z BOARD IMAGE
LOAD
(0A~90A)
VOUT
4.5V TO 20V
VIN
V
+
-
NOTE 1
+
-
V
+
-
NOTE:
1. Multiple loads can be paralleled to
reach 90A (i.e. Two 45A loads
paralleled together).
December 3, 2012
AN1789.0


Similar Part No. - H1045-00101-50V10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
H1045-00102-16V10 INTERSIL-H1045-00102-16V10 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
H1045-00102-50V10 INTERSIL-H1045-00102-50V10 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
H1045-00102-50V10-T INTERSIL-H1045-00102-50V10-T Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
H1045-00105-6R3V10-T INTERSIL-H1045-00105-6R3V10-T Datasheet
287Kb / 6P
   1A Regulator Standard Buck PWM
More results

Similar Description - H1045-00101-50V10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN1077 INTERSIL-AN1077 Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
ISL8225MEVAL4Z INTERSIL-ISL8225MEVAL4Z Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
   6 W 3-phase SMPS for metering evaluation board
December 2007 Rev 1
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
   Precision 6 White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com