Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11045ETN+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11045ETN+
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11045ETN+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11045ETN+ Datasheet HTML 1Page - Maxim Integrated Products MAX11045ETN+ Datasheet HTML 2Page - Maxim Integrated Products MAX11045ETN+ Datasheet HTML 3Page - Maxim Integrated Products MAX11045ETN+ Datasheet HTML 4Page - Maxim Integrated Products MAX11045ETN+ Datasheet HTML 5Page - Maxim Integrated Products MAX11045ETN+ Datasheet HTML 6Page - Maxim Integrated Products MAX11045ETN+ Datasheet HTML 7Page - Maxim Integrated Products MAX11045ETN+ Datasheet HTML 8Page - Maxim Integrated Products MAX11045ETN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
2
Maxim Integrated
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD = +4.75V to +5.25V, VDVDD = +2.70V to +5.25V, VAGNDS = VAGND = VDGND = 0V, VREFIO = internal reference, CRDC = 4 x
33µF, CREFIO = 0.1µF, CAVDD = 4 x 0.1µF || 10µF, CDVDD = 3 x 0.1µF || 10µF; all digital inputs at DVDD or DGND, unless otherwise
noted, fSAMPLE = 250ksps. TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND ........................................................-0.3V to +6V
DVDD to AGND and DGND .....................................-0.3V to +6V
DGND to AGND.....................................................-0.3V to +0.3V
AGNDS to AGND...................................................-0.3V to +0.3V
CH0–CH7 to AGND ...............................................-7.5V to +7.5V
REFIO, RDC to AGND ..................................-0.3V to the lower of
(VAVDD + 0.3V) and +6V
EOC, WR, RD, CS, CONVST to AGND.........-0.3V to the lower of
(VDVDD + 0.3V) and +6V
DB0–DB15 to AGND ....................................-0.3V to the lower of
(VDVDD + 0.3V) and +6V
Maximum Current into Any Pin Except AVDD, DVDD, AGND,
DGND ...........................................................................±50mA
Continuous Power Dissipation
56-Pin TQFN (derate 47.6mW/°C above +70°C) ....3809.5mW
64-Pin TQFP (derate 43.5mW/°C above +70°C)........3478mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (Note 1)
MAX11044/MAX11045/MAX11046
16
Resolution
N
MAX11054/MAX11055/MAX11056
14
Bits
MAX11044/MAX11045/MAX11046
> -2
±0.4
< +2
Integral Nonlinearity
INL
MAX11054/MAX11055/MAX11056
-0.8
±0.13
+0.8
LSB
MAX11044/MAX11045/MAX11046
> -1
±0.4
< +1.2
Differential Nonlinearity
DNL
MAX11054/MAX11055/MAX11056
-0.6
±0.15
+0.6
LSB
MAX11044/MAX11045/MAX11046
16
No Missing Codes
MAX11054/MAX11055/MAX11056
14
Bits
Offset Error
±0.001
±0.015
%FSR
Channel Offset Matching
±0.001
±0.015
%FSR
Offset Temperature Coefficient
±0.8
µV/°C
Gain Error
±0.015
%FSR
Positive Full-Scale Error
±0.015
%FSR
Negative Full-Scale Error
±0.015
%FSR
Positive Full-Scale Error Matching
±0.01
%FSR
Negative Full-Scale Error Matching
±0.01
%FSR
Channel Gain-Error Matching
Between all channels
±0.01
%FSR
Gain Temperature Coefficient
±0.5
ppm/°C
DYNAMIC PERFORMANCE
MAX11044/MAX11045/
MAX11046
91
92.3
Signal-to-Noise Ratio
SNR
fIN = 10kHz,
full-scale input
MAX11054/MAX11055/
MAX11056
84.5
85.2
dB
MAX11044/MAX11045/
MAX11046
90.5
92
Signal-to-Noise and Distortion
Ratio
SINAD
fIN = 10kHz,
full-scale input
MAX11054/MAX11055/
MAX11056
84.5
85.2
dB


Similar Part No. - MAX11045ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11045ETN++ MAXIM-MAX11045ETN+ Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11045ETN++ MAXIM-MAX11045ETN+ Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11045ETN++ MAXIM-MAX11045ETN+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11045ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com