Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608C0G2A101F Datasheet(PDF) 5 Page - Texas Instruments

Part # C1608C0G2A101F
Description  TPS84250EVM-001 2.5-A, Integrated Power Solution
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C1608C0G2A101F Datasheet(HTML) 5 Page - Texas Instruments

  C1608C0G2A101F Datasheet HTML 1Page - Texas Instruments C1608C0G2A101F Datasheet HTML 2Page - Texas Instruments C1608C0G2A101F Datasheet HTML 3Page - Texas Instruments C1608C0G2A101F Datasheet HTML 4Page - Texas Instruments C1608C0G2A101F Datasheet HTML 5Page - Texas Instruments C1608C0G2A101F Datasheet HTML 6Page - Texas Instruments C1608C0G2A101F Datasheet HTML 7Page - Texas Instruments C1608C0G2A101F Datasheet HTML 8Page - Texas Instruments C1608C0G2A101F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Scope Measurements: Vin = 12 V, Vout = 5 V, Iout = 1.0 A
Ch.3> PH Node
Scope Measurements: Vin = 12 V, Vout = 5 V, Iout = 300 mA
Ch.3> PH Node
www.ti.com
Operation Notes
5
Operation Notes
The UVLO threshold of the factory-stock EVM is approximately 6.5 V with a 0.5-V hysteresis. The input
voltage must be above the UVLO threshold before power conversion will begin. The UVLO threshold is set
by resistors R10 and R11. See the data sheet for information on setting the UVLO voltage.
Once the input voltage rises above the UVLO threshold, power conversion begins and the output voltage
ramps to its final value in approximately 10 ms. If desired, this soft-start interval can be increased by
adding capacitance at location C4 on the bottom side of the EVM. This location is not populated on the
factory-stock EVM.
The TPS84250 is a nonsynchronous buck regulator. This means that the power stage can only source
current and does not sink current. This also means at lighter loads, the waveform observed on the PH test
node exhibits considerable ringing as shown in Figure 2. This is normal behavior. At heavier loads, the PH
waveform becomes rectangular, as shown in Figure 3. When attempting to measure switching frequency,
it is recommended that a load of 1 A or greater be applied to ensure that an accurate reading is obtained.
The TPS84250 is not designed to endure a sustained short circuit on its output. It can survive momentary
shorts (< 5 seconds), but sustained short circuits may cause permanent damage to the device.
Figure 2. PH Node at 300-mA Load
Figure 3. PH Node at 1-A Load
5
SLVU460A – November 2011 – Revised July 2012
TPS84250EVM-001 2.5-A, Integrated Power Solution Evaluation Module
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated


Similar Part No. - C1608C0G2A101F

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G2A101F080AA TDK-C1608C0G2A101F080AA Datasheet
1Mb / 28P
   C Series Commercial Grade Mid Voltage (100 to 630V)
C1608C0G2A101F080AA TDK-C1608C0G2A101F080AA Datasheet
1Mb / 31P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G2A101F080AA TDK-C1608C0G2A101F080AA Datasheet
1Mb / 1P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G2A101F080AA TDK-C1608C0G2A101F080AA_16 Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1608C0G2A101F080AA TDK-C1608C0G2A101F080AA_17 Datasheet
180Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608C0G2A101F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84250_1212 TI1-TPS84250_1212 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
SLUU633A TI1-SLUU633A Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84620EVM-692 TI1-TPS84620EVM-692 Datasheet
761Kb / 18P
[Old version datasheet]   6-A, Integrated Power Solution Evaluation Module
logo
Advanced Analog Technol...
AAT11671 AAT-AAT11671 Datasheet
2Mb / 18P
   INTEGRATED TFT LCD POWER SOLUTION
Version 0.01
logo
Global Mixed-mode Techn...
AT5517 GMT-AT5517 Datasheet
87Kb / 1P
   Integrated Power Solution for TFT-LCD
logo
Analog Devices
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
   Triple Buck Regulator Integrated Power Solution
Rev. 0
logo
Dialog Semiconductor
SLG59M1545V DIALOG-SLG59M1545V Datasheet
160Kb / 11P
   Ultra-small 17 m 2.5 A Integrated Power Switch
logo
Global Mixed-mode Techn...
G5512 GMT-G5512 Datasheet
84Kb / 1P
   Integrated Power Solution for TFT-LCD
logo
Analog Devices
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
   Quad Buck Regulator Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com