Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27512DRS Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC27512DRS
Description  Single Channel High-Speed, Low-Side Gate Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27512DRS Datasheet(HTML) 1 Page - Texas Instruments

  UCC27512DRS Datasheet HTML 1Page - Texas Instruments UCC27512DRS Datasheet HTML 2Page - Texas Instruments UCC27512DRS Datasheet HTML 3Page - Texas Instruments UCC27512DRS Datasheet HTML 4Page - Texas Instruments UCC27512DRS Datasheet HTML 5Page - Texas Instruments UCC27512DRS Datasheet HTML 6Page - Texas Instruments UCC27512DRS Datasheet HTML 7Page - Texas Instruments UCC27512DRS Datasheet HTML 8Page - Texas Instruments UCC27512DRS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
UCC27511
UCC27512
www.ti.com
SLUSAW9C – FEBRUARY 2012 – REVISED JUNE 2012
Single Channel High-Speed, Low-Side Gate Driver
(with 4-A Peak Source and 8-A Peak Sink)
Check for Samples: UCC27511, UCC27512
1
FEATURES
APPLICATIONS
Low-Cost, Gate-Driver Device Offering
Switch-Mode Power Supplies
Superior Replacement of NPN and PNP
DC-to-DC Converters
Discrete Solutions
Companion Gate Driver Devices for Digital
4-A Peak Source and 8-A Peak Sink
Power Controllers
Asymmetrical Drive
Solar Power, Motor Control, UPS
Strong Sink Current Offers Enhanced
Gate Driver for Emerging Wide Band-Gap
Immunity Against Miller Turn On
Power Devices (such as GaN)
Split Output Configuration (allows easy and
independent adjustment of turn-on and turn-
DESCRIPTION
off speeds) in the UCC27511
The UCC27511 and UCC27512 single-channel, high-
Fast Propagation Delays (13-ns typical)
speed, low-side gate driver device is capable of
effectively
driving
MOSFET
and
IGBT
power
Fast Rise and Fall Times (9-ns and 7-ns
switches. Using a design that inherently minimizes
typical)
shoot-through current, UCC27511 and UCC27512
4.5-V to 18-V Single Supply Range
are capable of sourcing and sinking high, peak-
Outputs Held Low During VDD UVLO (ensures
current pulses into capacitive loads offering rail-to-rail
drive capability and extremely small propagation
glitch free operation at power-up and power-
delay typically 13 ns.
down)
TTL and CMOS Compatible Input Logic
The UCC27511 and UCC27512 provides 4-A source,
8-A sink (asymmetrical drive) peak-drive current
Threshold, (independent of supply voltage)
capability. Strong sink capability in asymmetrical drive
Hysteretic Logic Thresholds for High Noise
boosts immunity against parasitic, Miller turn-on
Immunity
effect. The UCC27511 device also features a unique
Dual Input Design (choice of an inverting (IN-
split output configuration where the gate-drive current
pin) or non-inverting (IN+ pin) driver
is sourced through OUTH pin and sunk through
configuration)
OUTL pin. This unique pin arrangement allows the
user to apply independent turn-on and turn-off
Unused Input Pin can be Used for Enable
resistors to the OUTH and OUTL pins respectively
or Disable Function
and easily control the switching slew rates.
Output Held Low when Input Pins are Floating
UCC27511 and UCC27512 are designed to operate
Input Pin Absolute Maximum Voltage Levels
over a wide VDD range of 4.5 V to 18 V and wide
Not Restricted by VDD Pin Bias Supply
temperature range of -40°C to 140°C. Internal Under
Voltage
Voltage Lockout (UVLO) circuitry on VDD pin holds
Operating Temperature Range of -40°C to
output
low
outside
VDD
operating
range.
The
140°C
capability to operate at low voltage levels such as
below 5 V, along with best in class switching
6-Pin DBV (SOT-23) and 6-Pin DRS (3mm x 3
characteristics,
is
especially
suited
for
driving
mm WSON with exposed thermal pad)
emerging wide band-gap power switching devices
Package Options
such as GaN power semiconductor devices.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27512DRS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27512DRS TI1-UCC27512DRS Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27512DRS TI1-UCC27512DRS Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27512DRS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com