Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11055ECB+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11055ECB+
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11055ECB+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11055ECB+ Datasheet HTML 3Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 4Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 9Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 10Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
7
Maxim Integrated
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
1.2
2.4
3.6
4.8
6.0
7.2
0
-40
85
VDVDD = 3.3V
fSAMPLE = 250ksps
CDBxx = 15pF
MAX11046 CONVERTING
MAX11044/MAX11045/MAX11046 STATIC
MAX11045 CONVERTING
MAX11044 CONVERTING
ANALOG AND DIGITAL SHUTDOWN
CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
1
2
3
4
5
0
-40
85
VAVDD = 5.0V
VDVDD = 3.3V
IAVDD
IDVDD
ANALOG AND DIGITAL SHUTDOWN
CURRENT vs. SUPPLY VOLTAGE
VAVDD OR VDVDD (V)
4.75
4.25
3.75
3.25
1
2
3
4
5
0
2.75
5.25
TA = +25°C
IAVDD
IDVDD
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
4.084
4.088
4.092
4.096
4.104
4.100
4.108
4.112
4.080
-40
85
UPPER TYPICAL LIMIT
VAVDD = 5.0V
LOWER TYPICAL LIMIT
OFFSET ERROR AND OFFSET ERROR
MATCHING vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-0.006
-0.002
0.002
0.006
0.010
-0.010
-40
85
fSAMPLE = 250ksps
VAVDD = 5.0V
VREFIO = 4.096V
OFFSET ERROR MATCHING
OFFSET ERROR
INTERNAL REFERENCE VOLTAGES
vs. SUPPLY VOLTAGE
VAVDD (V)
5.15
5.05
4.85
4.95
4.09595
4.09600
4.09605
4.09610
4.09620
4.09615
4.09625
4.09630
4.09590
4.75
5.25
VRDC
TA = +25°C
VREFIO
OFFSET ERROR AND OFFSET ERROR
MATCHING vs. SUPPLY VOLTAGE
VAVDD (V)
5.15
5.05
4.95
4.85
-0.006
-0.002
0.002
0.006
0.010
-0.010
4.75
5.25
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
OFFSET ERROR MATCHING
OFFSET ERROR
Typical Operating Characteristics (continued)
(VAVDD = 5V, VDVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)


Similar Part No. - MAX11055ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11055ECB++ MAXIM-MAX11055ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11055ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com