Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2511-04121-1-16W1 Datasheet(PDF) 1 Page - Intersil Corporation

Part # H2511-04121-1-16W1
Description  ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

H2511-04121-1-16W1 Datasheet(HTML) 1 Page - Intersil Corporation

  H2511-04121-1-16W1 Datasheet HTML 1Page - Intersil Corporation H2511-04121-1-16W1 Datasheet HTML 2Page - Intersil Corporation H2511-04121-1-16W1 Datasheet HTML 3Page - Intersil Corporation H2511-04121-1-16W1 Datasheet HTML 4Page - Intersil Corporation H2511-04121-1-16W1 Datasheet HTML 5Page - Intersil Corporation H2511-04121-1-16W1 Datasheet HTML 6Page - Intersil Corporation H2511-04121-1-16W1 Datasheet HTML 7Page - Intersil Corporation H2511-04121-1-16W1 Datasheet HTML 8Page - Intersil Corporation H2511-04121-1-16W1 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Copyright Intersil Americas Inc. 2012. All Rights Reserved.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Application Note 1793
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable
Evaluation Board Setup Procedure
The ISL8225M is a complete, dual step-down switching mode
DC/DC module. The dual outputs can easily be paralleled for
single-output, high-current use. It is easy to apply this
high-power, current-sharing DC/DC power module to
power-hungry datacom, telecom, and FPGA applications. All
that is needed in order to have a complete, dual 15A design
ready for use are the ISL8225M, a few passive components,
and VOUT setting resistors.
The simplicity of the ISL8225M is its off-the-shelf, unassisted
implementation. Patented current sharing in multi-phase
operation greatly reduces ripple currents, BOM costs, and
complexity. The ISL8225M has a thermally enhanced, compact
17mm x17mm x 7.5mm QFN package that operates at full load
and over-temperature without requiring forced-air cooling. Easy
access to all pins, with few external components, reduces PCB
design to a component layer and a simple ground layer.
This ISL8225MEVAL4Z evaluation board is designed for dual
15A output applications. Optionally, this board can easily be
converted for 30A single output use. Multiple
ISL8225MEVAL4Z boards can be cascadable through the
SYNC and CLKOUT pins to operate with phase shifting, for
paralleling or multiple output use. The input voltage of this
board is 4.5V to 20V and the default outputs on this board are
set at 1.2V and 1.5V.
Related Resources
Recommended Equipment
• 0V to 20V power supply with at least 5A source current
capability
• Electronic load capable of sinking current up to 30A
• Digital multimeters (DMMs)
• 100MHz quad-trace oscilloscope
Quick Start
For dual output operation, the inputs are BA7 (VIN1), BA8
(GND), BA3 (VIN2) and BA4 (GND). The outputs are BA5
(VOUT1), BA6 (GND), BA1 (VOUT2) and BA2 (GND).
For paralleled single output operation, the inputs are BA7
(VIN1) and BA8 (GND). The outputs are BA5 (VOUT1) and BA6
(GND) with BA5 and BA1 shorted.
Dual Output Mode
1. Connect a power supply capable of sourcing at least 5A to
the inputs BA7 (VIN1), BA8 (GND), BA3 (VIN2) and BA4
(GND) of the ISL8225MEVAL4Z evaluation board, with a
voltage between 4.5V to 20V. VIN1 and VIN2 can be
different with R18 and R19 open.
2. Connect an electronic load or the device to be powered to
the outputs BA5 (VOUT1) and BA6 (GND), BA1 (VOUT2) and
BA2 (GND) of the board. All connections, especially the low
voltage, high current VOUT lines, should be able to carry the
desired load current and should be made as short as
possible.
See how-to
video at
intersil.com/
evid03
FIGURE 1. ISL8225MEVAL4Z BOARD IMAGE
LOAD2
(0A~15A)
VOUT2
4.5V TO 20V
VIN V
+
-
V
+
-
LOAD1
(0A~15A)
V
+
-
VOUT1
December 6, 2012
AN1793.1


Similar Part No. - H2511-04121-1-16W1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
H2511-04990-1-16W1 INTERSIL-H2511-04990-1-16W1 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
More results

Similar Description - H2511-04121-1-16W1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
AN1077 INTERSIL-AN1077 Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com