Electronic Components Datasheet Search |
|
W78LE516 Datasheet(PDF) 1 Page - Winbond |
|
W78LE516 Datasheet(HTML) 1 Page - Winbond |
1 / 31 page Preliminary W78LE516 8-BIT MICROCONTROLLER Publication Release Date: June 2000 - 1 - Revision A1 GENERAL DESCRIPTION The W78LE516 is an 8-bit microcontroller which has an in-system programmable MTP-ROM for firmware updating. The instruction set of the W78LE516 is fully compatible with the standard 8052. The W78LE516 contains a 64K bytes of main MTP-ROM and a 4K bytes of auxiliary MTP-ROM which allows the contents of the 64KB main MTP-ROM to be updated by the loader program located at the 4KB auxiliary MTP-ROM; 512 bytes of on-chip RAM; four 8-bit bi-directional and bit- addressable I/O ports; an additional 4-bit port P4; three 16-bit timer/counters; a serial port. These peripherals are supported by a eight sources two-level interrupt capability. To facilitate programming and verification, the MTP-ROM inside the W78LE516 allows the program memory to be programmed and read electronically. Once the code is confirmed, the user can protect the code for security. The W78LE516 microcontroller has two power reduction modes, idle mode and power-down mode, both of which are software selectable. The idle mode turns off the processor clock but allows for continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power consumption. The external clock can be stopped at any time and in any state without affecting the processor. FEATURES • Fully static design 8-bit CMOS microcontroller • 64K bytes of in-system programmable MTP-ROM for Application Program (APROM) • 4K bytes of auxiliary MTP-ROM for Loader Program (LDROM) • 512 bytes of on-chip RAM. (including 256 bytes of AUX-RAM, software selectable) • 64K bytes program memory address space and 64K bytes data memory address space • Four 8-bit bi-directional ports • One 4-bit multipurpose programmable port • Three 16-bit timer/counters • One full duplex serial port • Eight-sources, two-level interrupt capability • Built-in power management • Code protection • Packaged in − DIP 40: W78LE516-24 − PLCC 44: W78LE516P-24 − QFP 44: W78LE516F-24 |
Similar Part No. - W78LE516 |
|
Similar Description - W78LE516 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |