Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED120-2DS Datasheet(PDF) 9 Page - Texas Instruments

Part # ED120-2DS
Description  TPS84250EVM-001 2.5-A, Integrated Power Solution
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ED120-2DS Datasheet(HTML) 9 Page - Texas Instruments

Back Button ED120-2DS Datasheet HTML 5Page - Texas Instruments ED120-2DS Datasheet HTML 6Page - Texas Instruments ED120-2DS Datasheet HTML 7Page - Texas Instruments ED120-2DS Datasheet HTML 8Page - Texas Instruments ED120-2DS Datasheet HTML 9Page - Texas Instruments ED120-2DS Datasheet HTML 10Page - Texas Instruments ED120-2DS Datasheet HTML 11Page - Texas Instruments ED120-2DS Datasheet HTML 12Page - Texas Instruments ED120-2DS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
List of Materials
7
List of Materials
Table 2. EVM List of Material
(1) (2) (3) (4)
COUNT
REF DES
DESCRIPTION
PART NUMBER
MFR
0
C10
Capacitor, aluminum, 35 V
DC, ±20%, 100 µF, 6.3 mm x 11 mm
ESMG350ELL101MF11D United ChemiCon
1
C11
Capacitor, ceramic, 100 V, 5%, NP0, 100 pF, 0603
C1608C0G2A101F
TDK
3
C1-3
Capacitor, ceramic, 100 V, 5%, X7R, 2.2 µF, 1210
C3225X7R2A225K
TDK
0
C4
Capacitor, ceramic, 100 V, 10%, X7R, 2200 pF, 0603
STD
STD
1
C5
Capacitor, aluminum, 100 V, 20%, 22 µF, 0.200 inch Dia.
EKZE101ELL270MHB5D United ChemiCon
4
C6-9
Capacitor, ceramic, 25 V, 10%, X7R, 22 µF, 1210
GRM32ER71E226KE15L MuRata
1
D1
Diode, Zener, 5.1 V, 500 mW, SOD-123
DDZ9689-7
Diodes Inc
1
J1
Header, male 2x4 pin, 100-mil spacing, 0.20 inch x 0.40 inch
PEC04DAAN
Sullins
1
J2
Header, male 2x5 pin, 100-mil spacing, 0.100 inch x 5 inch x 2 PEC05DAAN
Sullins
inch
1
R1
Resistor, chip, 1/10 W, 1%, 10
Ω, 0603
STD
STD
1
R10
Resistor, chip, 1/10 W, 1%, 174 k
Ω, 0603
STD
STD
1
R11
Resistor, chip, 1/10 W, 1%, 40.2 k
Ω, 0603
STD
STD
1
R12
Resistor, chip, 1/10 W, 1%, 49.9 k
Ω, 0603
STD
STD
1
R13
Resistor, chip, 1/10 W, 1%, 24.9 k
Ω, 0603
STD
STD
1
R2
Resistor, chip, 1/10 W, 1%, 36.5 k
Ω, 0603
STD
STD
1
R3
Resistor, chip, 1/10 W, 1%, 88.7 k
Ω, 0603
STD
STD
2
R4 R6
Resistor, chip, 1/10 W, 1%, 21.5 k
Ω, 0603
STD
STD
1
R5
Resistor, chip, 1/10 W, 1%, 9.76 k
Ω, 0603
STD
STD
1
R7
Resistor, chip, 1/10 W, 1%, 1.13 M, 0603
STD
STD
1
R8
Resistor, chip, 1/10 W, 1%, 267 k
Ω, 0603
STD
STD
1
R9
Resistor, chip, 1/10 W, 1%, 178 k
Ω, 0603
STD
STD
(1)
These assemblies are ESD sensitive, ESD precautions shall be observed. Use of no clean flux is not acceptable.
(2)
These assemblies must comply with workmanship standards IPC-A-610 Class 2.
(3)
Ref designators marked with an asterisk ('**') cannot be substituted. All other components can be substituted with equivalent MFG's
components.
(4)
Install label after final wash. Text shall be 8 pt font. Text shall be per Table 3.
9
SLVU460A – November 2011 – Revised July 2012
TPS84250EVM-001 2.5-A, Integrated Power Solution Evaluation Module
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated


Similar Part No. - ED120-2DS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ED120-2DS TI1-ED120-2DS Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
ED120-2DS TI1-ED120-2DS Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
More results

Similar Description - ED120-2DS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84250_1212 TI1-TPS84250_1212 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
SLUU633A TI1-SLUU633A Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84620EVM-692 TI1-TPS84620EVM-692 Datasheet
761Kb / 18P
[Old version datasheet]   6-A, Integrated Power Solution Evaluation Module
logo
Advanced Analog Technol...
AAT11671 AAT-AAT11671 Datasheet
2Mb / 18P
   INTEGRATED TFT LCD POWER SOLUTION
Version 0.01
logo
Global Mixed-mode Techn...
AT5517 GMT-AT5517 Datasheet
87Kb / 1P
   Integrated Power Solution for TFT-LCD
logo
Analog Devices
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
   Triple Buck Regulator Integrated Power Solution
Rev. 0
logo
Dialog Semiconductor
SLG59M1545V DIALOG-SLG59M1545V Datasheet
160Kb / 11P
   Ultra-small 17 m 2.5 A Integrated Power Switch
logo
Global Mixed-mode Techn...
G5512 GMT-G5512 Datasheet
84Kb / 1P
   Integrated Power Solution for TFT-LCD
logo
Analog Devices
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
   Quad Buck Regulator Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com