Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E54M-16 Datasheet(PDF) 9 Page - Winbond

Part # W78E54M-16
Description  8-BIT MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E54M-16 Datasheet(HTML) 9 Page - Winbond

Back Button W78E54M-16 Datasheet HTML 5Page - Winbond W78E54M-16 Datasheet HTML 6Page - Winbond W78E54M-16 Datasheet HTML 7Page - Winbond W78E54M-16 Datasheet HTML 8Page - Winbond W78E54M-16 Datasheet HTML 9Page - Winbond W78E54M-16 Datasheet HTML 10Page - Winbond W78E54M-16 Datasheet HTML 11Page - Winbond W78E54M-16 Datasheet HTML 12Page - Winbond W78E54M-16 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
W78E54
Publication Release Date: November 1997
- 9 -
Revision A2
Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two
machine cycles while the oscillator is running.
An internal trigger circuit in the reset line is used to deglitch the reset line when the W78E54 is used
with an external RC network. The reset logic also has a special glitch removal circuit that ignores
glitches on the reset line.
During reset, the ports are initialized to FFH, the stack pointer to 07H, PCON (with the exception of
bit 4) to 00H, and all of the other SFR registers except SBUF to 00H. SBUF is not reset.
Option Setting
Users write programs into the W78E54 by using the Winbond proprietary writer. The writer programs
the data into an internal 16 KB region and reads the data back for verification. After confirming that
the program is correct, the user can lock the data so that they can no longer be read.
Lock Bit
This bit is used to protect the customer data in the W78E54. It may be turned on after the
programmer finishes the programming and verify sequence. Once this bit is set to logic 0, no flash
data can be accessed again.
MOVC Execute
This bit is used to restrict the region accessible to the MOVC instruction. It can prevent the program
from being downloaded using this instruction if the program needs to jump outside to get data. When
this bit is set to logic 0, a MOVC instruction in external program memory space
will
be
able
to
access code in the external memory, but it will not be able to access code in the internal memory. A
MOVC instruction in internal program memory space will always be able to access code in both
internal and external memory. If this bit is logic 1, there are no restrictions on the MOVC instruction.
New Defined Peripheral
In order to be more suitable for I/O, an extra 4-bit bit-addressable port P4 and two external interrupt
INT2
, INT3 has been added to either the PLCC or QFP 44 pin package. And description follows:
1. INT2/ INT3
Two additional external interrupts, INT2 and INT3 , whose functions are similar to those of external
interrupt 0 and 1 in the standard 80C52. The functions/status of these interrupts are
determined/shown by the bits in the XICON (External Interrupt Control) register. The XICON register
is bit-addressable but is not a standard register in the standard 80C52. Its address is at 0C0H. To
set/clear bits in the XICON register, one can use the "SETB (/CLR) bit" instruction. For example,
"SETB 0C2H" sets the EX2 bit of XICON.
***XICON - external interrupt control (C0H)
PX3
EX3
IE3
IT3
PX2
EX2
IE2
IT2


Similar Part No. - W78E54M-16

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
W78E54B WINBOND-W78E54B Datasheet
320Kb / 25P
   8-BIT MICROCONTROLLER
W78E54B WINBOND-W78E54B_06 Datasheet
320Kb / 25P
   8-BIT MICROCONTROLLER
W78E54C WINBOND-W78E54C Datasheet
239Kb / 24P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E54M-16

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com