Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMLBWT-00-0000-000PS40E7 Datasheet(PDF) 4 Page - Cree, Inc

Part # XMLBWT-00-0000-000PS40E7
Description  Cree짰 XLamp짰 XM-L2 LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XMLBWT-00-0000-000PS40E7 Datasheet(HTML) 4 Page - Cree, Inc

  XMLBWT-00-0000-000PS40E7 Datasheet HTML 1Page - Cree, Inc XMLBWT-00-0000-000PS40E7 Datasheet HTML 2Page - Cree, Inc XMLBWT-00-0000-000PS40E7 Datasheet HTML 3Page - Cree, Inc XMLBWT-00-0000-000PS40E7 Datasheet HTML 4Page - Cree, Inc XMLBWT-00-0000-000PS40E7 Datasheet HTML 5Page - Cree, Inc XMLBWT-00-0000-000PS40E7 Datasheet HTML 6Page - Cree, Inc XMLBWT-00-0000-000PS40E7 Datasheet HTML 7Page - Cree, Inc XMLBWT-00-0000-000PS40E7 Datasheet HTML 8Page - Cree, Inc XMLBWT-00-0000-000PS40E7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
xlamp xm-l2 leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
4
relative fluX vs. Junction temPerature (i
f = 700 ma)
electrical characteristics (t
J = 85 °c)
Relative Flux Output vs. Junction Temperature
0
20
40
60
80
100
120
25
50
75
100
125
150
Junction Temperature (ºC)
Electrical Characteristics (Tj = 85°C)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
2.60
2.80
3.00
3.20
3.40
Forward Voltage (V)


Similar Part No. - XMLBWT-00-0000-000PS40E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLBWT-00-0000-000PS40E7 CREE-XMLBWT-00-0000-000PS40E7 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XMLBWT-00-0000-000PS40E7 CREE-XMLBWT-00-0000-000PS40E7 Datasheet
1Mb / 22P
   Cree® XLamp® XM Family LEDs
2010-2016
More results

Similar Description - XMLBWT-00-0000-000PS40E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XM-L CREE-XM-L Datasheet
820Kb / 12P
   Cree짰 XLamp짰 XM-L LEDs
XMLEZW-00-0000-0B00T627H CREE-XMLEZW-00-0000-0B00T627H Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XM-L Family LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com