Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMLBWT-00-0000-000PS50E7 Datasheet(PDF) 1 Page - Cree, Inc

Part # XMLBWT-00-0000-000PS50E7
Description  Cree짰 XLamp짰 XM-L2 LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XMLBWT-00-0000-000PS50E7 Datasheet(HTML) 1 Page - Cree, Inc

  XMLBWT-00-0000-000PS50E7 Datasheet HTML 1Page - Cree, Inc XMLBWT-00-0000-000PS50E7 Datasheet HTML 2Page - Cree, Inc XMLBWT-00-0000-000PS50E7 Datasheet HTML 3Page - Cree, Inc XMLBWT-00-0000-000PS50E7 Datasheet HTML 4Page - Cree, Inc XMLBWT-00-0000-000PS50E7 Datasheet HTML 5Page - Cree, Inc XMLBWT-00-0000-000PS50E7 Datasheet HTML 6Page - Cree, Inc XMLBWT-00-0000-000PS50E7 Datasheet HTML 7Page - Cree, Inc XMLBWT-00-0000-000PS50E7 Datasheet HTML 8Page - Cree, Inc XMLBWT-00-0000-000PS50E7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product family data sheet
cree® Xlamp® Xm-l2 leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
Product descriPtion
The XLamp XM-L2 LeD builds on
the unprecedented performance of
the original XM-L, increasing lumen
output up to 20% while providing
a single die LeD point source for
precise optical control. The XM-L2
LeD shares the same mechanical
and optical footprint as the original
XM-L, providing a seamless upgrade
path and shortened design cycle.
XLamp XM-L2 LeDs are the ideal
choice
for
lighting
applications
where
high
light
output
and
maximum efficacy are required,
such as LeD light bulbs, outdoor
lighting, portable lighting, indoor
lighting and solar-powered lighting.
features
• Available in white, 80-CRI white,
85-CRI white and 90-CRI white
• ANSI-compatible chromaticity
bins
• Binned at 85 °C
• Maximum drive current:
3000 mA
• Low thermal resistance:
2.5 °C/W
• Wide viewing angle: 125°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC
J-STD-020C
• electrically neutral thermal path
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®,
the Cree logo and XLamp® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
table of contents
Flux Characteristics.................... 2
Characteristics .......................... 3
Relative Spectral Power
Distribution............................... 3
Relative Flux vs. Junction
Temperature ............................. 4
electrical Characteristics............. 4
Thermal Design......................... 5
Relative Flux vs. Current ........... 5
Relative Chromaticity vs. Current. 6
Relative Chromaticity vs.
Temperature ............................. 6
Typical Spatial Distribution.......... 7
Reflow Soldering Characteristics .. 8
Notes....................................... 9
Mechanical Dimensions..............10
Tape and Reel ..........................11
Packaging................................12


Similar Part No. - XMLBWT-00-0000-000PS50E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLBWT-00-0000-000PS50E7 CREE-XMLBWT-00-0000-000PS50E7 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XMLBWT-00-0000-000PS50E7 CREE-XMLBWT-00-0000-000PS50E7 Datasheet
1Mb / 22P
   Cree® XLamp® XM Family LEDs
2010-2016
More results

Similar Description - XMLBWT-00-0000-000PS50E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XM-L CREE-XM-L Datasheet
820Kb / 12P
   Cree짰 XLamp짰 XM-L LEDs
XMLEZW-00-0000-0B00T627H CREE-XMLEZW-00-0000-0B00T627H Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XM-L Family LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com