Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02981028HXFCC Datasheet(PDF) 2 Page - Littelfuse

Part # 02981028HXFCC
Description  MEGA짰-FLEX Holder for MEGA짰 Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

02981028HXFCC Datasheet(HTML) 2 Page - Littelfuse

  02981028HXFCC Datasheet HTML 1Page - Littelfuse 02981028HXFCC Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fuse Holder
2
www .littelfuse.com
© 2009 Littelfuse Automotive Circuit Protection Products
MEGA®-FLEX Holder for MEGA® Fuses
Dimensions in mm


Similar Part No. - 02981028HXFCC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
02981028HXFCC LITTELFUSE-02981028HXFCC Datasheet
210Kb / 2P
   FLEX MEGA FUSE HOLDER
02981028HXFCC LITTELFUSE-02981028HXFCC Datasheet
147Kb / 1P
   MEGA짰 FLEX SERIES BOLT-DOWN FUSE HOLDER
080421-A
02981028HXFCCR LITTELFUSE-02981028HXFCCR Datasheet
147Kb / 1P
   MEGA짰 FLEX SERIES BOLT-DOWN FUSE HOLDER
080421-A
More results

Similar Description - 02981028HXFCC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
02981028-BP LITTELFUSE-02981028-BP Datasheet
147Kb / 1P
   MEGA짰 FLEX SERIES BOLT-DOWN FUSE HOLDER
080421-A
298907-030 LITTELFUSE-298907-030 Datasheet
140Kb / 1P
   MEGA짰 298 SPLASHPROOF SERIES FUSE HOLDER
2021
02981001ZXT LITTELFUSE-02981001ZXT_V01 Datasheet
225Kb / 1P
   MEGA짰 298 BOLT-DOWN SERIES HIGH-CURRENT FUSE HOLDER
080421-A
0298080ZXEH-UL LITTELFUSE-0298080ZXEH-UL Datasheet
922Kb / 2P
   UL Recognized Mega짰 Fuse Rated 32V
logo
Lineage Power Corporati...
0FHJ1001G LINEAGEPOWER-0FHJ1001G Datasheet
409Kb / 2P
   Inline Holder for JCASE??Style Fuses
logo
Littelfuse
0FHJ1001G LITTELFUSE-0FHJ1001G Datasheet
409Kb / 2P
   Inline Holder for JCASE??Style Fuses
0FHJ1001 LITTELFUSE-0FHJ1001_15 Datasheet
1Mb / 2P
   INLINE FUSE HOLDER FOR JCASE STYLE FUSES (Std. & LP)
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
   Automotive in-line fuse holder for ATC blade-type fuses
logo
Littelfuse
02981028HXFC LITTELFUSE-02981028HXFC_15 Datasheet
210Kb / 2P
   FLEX MEGA FUSE HOLDER
870 LITTELFUSE-870_V01 Datasheet
400Kb / 1P
   870 Series Medical Grade Shock-Safe Holder for 5횞20mm Fuses
Revised: 12/19/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com