Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E54M-24 Datasheet(PDF) 1 Page - Winbond

Part # W78E54M-24
Description  8-BIT MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E54M-24 Datasheet(HTML) 1 Page - Winbond

  W78E54M-24 Datasheet HTML 1Page - Winbond W78E54M-24 Datasheet HTML 2Page - Winbond W78E54M-24 Datasheet HTML 3Page - Winbond W78E54M-24 Datasheet HTML 4Page - Winbond W78E54M-24 Datasheet HTML 5Page - Winbond W78E54M-24 Datasheet HTML 6Page - Winbond W78E54M-24 Datasheet HTML 7Page - Winbond W78E54M-24 Datasheet HTML 8Page - Winbond W78E54M-24 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
W78E54
8-BIT MICROCONTROLLER
Publication Release Date: November 1997
- 1 -
Revision A2
GENERAL DESCRIPTION
The W78E54 is an 8-bit microcontroller that is functionally compatible with the W78C54, except that
the mask ROM is replaced by a flash EEPROM with a size of 16 KB. To facilitate programming and
verification, the flash EEPROM inside the W78E54 allows the program memory to be programmed
and read electronically. Once the code is confirmed, the user can protect the code for security.
The W78E54 microcontroller supplies a wider frequency range than most 8-bit microcontrollers on the
market. It is functionally compatible with the industry-standard 80C52 microcontroller series, except
that one extra 4-bit bit-addressable I/O port (Port 4) and two additional external interrupts ( INT2 ,
INT3 ).
The W78E54 contains four 8-bit bidirectional and bit-addressable I/O ports, three 16-bit
timer/counters, and a serial port. These peripherals are supported by a eight-source, two-level
interrupt capability. There are 256 bytes of RAM and an 16 KB flash EEPROM for application
programs.
The W78E54 microcontroller has two power reduction modes, idle mode and power-down mode, both
of which are software selectable. The idle mode turns off the processor clock but allows for continued
peripheral operation. The power-down mode stops the crystal oscillator for minimum power
consumption. The external clock can be stopped at any time and in any state without affecting the
processor.
FEATURES
8-bit CMOS microcontroller
Fully static design
Low standby current at full supply voltage
DC-40 MHz operation
256 bytes of on-chip scratchpad RAM
16 KB electrically erasable/programmable EPROM
64 KB program memory address space
64 KB data memory address space
Four 8-bit bidirectional ports
One extra 4-bit bit-addressable I/O port, additional INT2 / INT3
(available on 44-pin PLCC/QFP package)
Three 16-bit timer/counters
One full duplex serial port
Boolean processor
Eight-source, two-level interrupt capability
Built-in power management
Code protection mechanism
Packages:
− DIP 40: W78E54-16/24/40
− PLCC 44: W78E54P-16/24/40
− QFP 44: W78E54F-16/24/40
− TQFP 44: W78E54M-16/24/40


Similar Part No. - W78E54M-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
W78E54B WINBOND-W78E54B Datasheet
320Kb / 25P
   8-BIT MICROCONTROLLER
W78E54B WINBOND-W78E54B_06 Datasheet
320Kb / 25P
   8-BIT MICROCONTROLLER
W78E54C WINBOND-W78E54C Datasheet
239Kb / 24P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E54M-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com