Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE812 Datasheet(PDF) 8 Page - Winbond

Part # W78LE812
Description  8-BIT MTP MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812 Datasheet(HTML) 8 Page - Winbond

Back Button W78LE812 Datasheet HTML 4Page - Winbond W78LE812 Datasheet HTML 5Page - Winbond W78LE812 Datasheet HTML 6Page - Winbond W78LE812 Datasheet HTML 7Page - Winbond W78LE812 Datasheet HTML 8Page - Winbond W78LE812 Datasheet HTML 9Page - Winbond W78LE812 Datasheet HTML 10Page - Winbond W78LE812 Datasheet HTML 11Page - Winbond W78LE812 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
W78LE812
- 8 -
Interrupt Priority Register 1
Bit:
7
6
5
4
3
2
1
0
PX9
PX8
PX7
PX6
PX5
PX4
PX3
PX2
Mnemonic: IP1
Address: F8h
PX9: This bit defines the External interrupt 9 priority. PX9 = 1 sets it to higher priority level.
PX8: This bit defines the External interrupt 8 priority. PX8 = 1 sets it to higher priority level.
PX7: This bit defines the External interrupt 7 priority. PX7 = 1 sets it to higher priority level.
PX6: This bit defines the External interrupt 6 priority. PX6 = 1 sets it to higher priority level.
PX5: This bit defines the External interrupt 5 priority. PX5 = 1 sets it to higher priority level.
PX4: This bit defines the External interrupt 4 priority. PX4 = 1 sets it to higher priority level.
PX3: This bit defines the External interrupt 3 priority. PX3 = 1 sets it to higher priority level.
PX2: This bit defines the External interrupt 2 priority. PX2 = 1 sets it to higher priority level.
Interrupt Polarity Register
Bit:
7
6
5
4
3
2
1
0
IL9
IL8
IL7
IL6
IL5
IL4
IL3
IL2
Mnemonic: IX
Address: E9H
IL9: External interrupt 9 polarity level.
IL8: External interrupt 8 polarity level.
IL7: External interrupt 7 polarity level.
IL6: External interrupt 6 polarity level.
IL5: External interrupt 5 polarity level.
IL4: External interrupt 4 polarity level.
IL3: External interrupt 3 polarity level.
IL2: External interrupt 2 polarity level.
Note: 0 = active LOW, 1 = active HIGH.
Interrupt Request Flag Register
Bit:
7
6
5
4
3
2
1
0
IQ9
IQ8
IQ7
IQ6
IQ5
IQ4
IQ3
IQ2
Mnemonic: IRQ
Address: C0H
IQ9: External interrupt 9 request flag.
IQ8: External interrupt 8 request flag.
IQ7: External interrupt 7 request flag.
IQ6: External interrupt 6 request flag.
IQ5: External interrupt 5 request flag.
IQ4: External interrupt 4 request flag.
IQ3: External interrupt 3 request flag.
IQ2: External interrupt 2 request flag.


Similar Part No. - W78LE812

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE812 WINBOND-W78LE812 Datasheet
410Kb / 31P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78LE812 NUVOTON-W78LE812 Datasheet
473Kb / 33P
   8-BIT MICROCONTROLLER
logo
Winbond
W78LE812 WINBOND-W78LE812_06 Datasheet
410Kb / 31P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78LE812

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
   8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
   8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
   MARC4 4-bit MTP Universal Microcontroller
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
   8-bit MTP Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com