Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE812-24 Datasheet(PDF) 10 Page - Winbond

Part # W78LE812-24
Description  8-BIT MTP MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812-24 Datasheet(HTML) 10 Page - Winbond

Back Button W78LE812-24 Datasheet HTML 6Page - Winbond W78LE812-24 Datasheet HTML 7Page - Winbond W78LE812-24 Datasheet HTML 8Page - Winbond W78LE812-24 Datasheet HTML 9Page - Winbond W78LE812-24 Datasheet HTML 10Page - Winbond W78LE812-24 Datasheet HTML 11Page - Winbond W78LE812-24 Datasheet HTML 12Page - Winbond W78LE812-24 Datasheet HTML 13Page - Winbond W78LE812-24 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
W78LE812
- 10 -
PS2, PS1, PS0 : Watch-dog prescaler timer select. Prescaler is selected when set PS2
−0 as follows:
PS2 PS1 PS0
PRESCALER SELECT
0
0
0
2
0
0
1
4
0
1
0
8
0
1
1
16
1
0
0
32
1
0
1
64
1
1
0
128
1
1
1
256
The time-out period is obtained using the following equation :
1
2
1000 12
14
OSC
PRESCALER
×
×
×
×
mS
Before Watchdog time-out occurs, the program must clear the 14-bit timer by writing 1 to WDTC.6
(CLRW). After 1 is written to this bit, the 14-bit timer , prescaler and this bit will be reset on the next
instruction cycle. The Watchdog timer is cleared on reset.
OSC
1/12
PRESCALER
14-BIT TIMER
CLEAR
CLRW
EXTERNAL
RESET
INTERNAL
RESET
WIDL
IDLE
ENW
Watchdog Timer Block Diagram
Typical Watch-Dog time-out period when OSC = 20 MHz
PS2 PS1 PS0
WATCHDOG TIME-OUT PERIOD
0
0
0
19.66 mS
0
0
1
39.32 mS
0
1
0
78.64 mS
0
1
1
157.28 mS
1
0
0
314.57 mS
1
0
1
629.14 mS
1
1
0
1.25 s
1
1
1
2.50 s


Similar Part No. - W78LE812-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE812 WINBOND-W78LE812 Datasheet
410Kb / 31P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78LE812 NUVOTON-W78LE812 Datasheet
473Kb / 33P
   8-BIT MICROCONTROLLER
logo
Winbond
W78LE812 WINBOND-W78LE812_06 Datasheet
410Kb / 31P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78LE812-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
   8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
   8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
   MARC4 4-bit MTP Universal Microcontroller
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
   8-bit MTP Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com