Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7930P81KTA Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # 7930P81KTA
Description  79 SERIES 4-SIDED HEADER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

7930P81KTA Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  7930P81KTA Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
June 2006 - This drawing became the property of Winchester Electronics Corporation, Wallingford, CT.


Similar Part No. - 7930P81KTA

ManufacturerPart #DatasheetDescription
logo
Heyco.
7930 HEYCO-7930 Datasheet
106Kb / 1P
   Heyco® Quick Connect Terminals
logo
List of Unclassifed Man...
79302 ETC2-79302 Datasheet
660Kb / 2P
   OPTOTRONIC 50 Watt, Multiple Channel, Dimmable Class 2 Power Supply
7930A ETC2-7930A Datasheet
108Kb / 4P
   24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
logo
Belden Inc.
7930A BELDEN-7930A Datasheet
281Kb / 3P
   DataTuff짰 5e, 4 Pr #24 Str BC, PO Ins, PVC Jkt, CMX-Outdoor CMR
logo
List of Unclassifed Man...
7930A0101000 ETC2-7930A0101000 Datasheet
108Kb / 4P
   24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
More results

Similar Description - 7930P81KTA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-790-029 GLENAIR-240-790-029 Datasheet
311Kb / 6P
   Series 79 Filtered Plug
240-790-043 GLENAIR-240-790-043 Datasheet
264Kb / 6P
   Series 79 Filtered Receptacle
240-790-044 GLENAIR-240-790-044 Datasheet
290Kb / 6P
   Series 79 Filtered Plug
240-790-070 GLENAIR-240-790-070 Datasheet
289Kb / 6P
   Series 79 Filtered Cable Plug
logo
Protek Devices
GBLCSC08CLC PROTEC-GBLCSC08CLC_15 Datasheet
466Kb / 6P
   SC-79 PACKAGE
logo
Winchester Electronics ...
27243 WINCHESTER-27243 Datasheet
133Kb / 1P
   79-4498 SERIES HEADER CONNECTOR, 10 POSITION WITH CENTER SLOT CUSTOMER DWG
logo
Protek Devices
GBLCSC PROTEC-GBLCSC_15 Datasheet
358Kb / 6P
   SC-79 PACKAGE
logo
Glenair, Inc.
240-790-069 GLENAIR-240-790-069 Datasheet
303Kb / 6P
   Series 79 Filtered Filtered Cable Receptacle
logo
Tyco Electronics
2-103414-0 MACOM-2-103414-0 Datasheet
183Kb / 1P
   ASSEMBLY, MOD II, HEADER, SINGLE ROW .100 C/L, (4) SIDED SHROUD
6-103414-0 MACOM-6-103414-0 Datasheet
183Kb / 1P
   ASSEMBLY, MOD II, HEADER, SINGLE ROW .100 C/L, (4) SIDED SHROUD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com