Electronic Components Datasheet Search |
|
1114960 Datasheet(PDF) 5 Page - Tyco Electronics |
|
1114960 Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 85 page TMS-SCE Military grade heat shrinkable wire identification sleeves 5 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Ordering information Available sizes and formats Inside diameter Ordering Expanded Recovered Recommended Recovered wall description D (minimum) d (maximum) use range thickness Weight mm inches mm inches mm inches mm inches (g/10 pcs.) TMS-SCE-1K- 3/32-2.0 - <color> 2.36 0.093 0.79 0.031 0.81 - 1.90 0.032 - 0.075 0.53 ± 0.08 0.021 ± 0.003 1.50 TMS-SCE-2X-1K- 3/32- <color> 2.36 0.093 1.17 0.046 1.27 - 1.90 0.050 - 0.075 0.64 ± 0.08 0.025 ± 0.003 2.04 TMS-SCE-1K- 1/8-2.0 - <color> 3.18 0.125 1.07 0.042 1.11 - 2.66 0.044 - 0.105 0.58 ± 0.08 0.023 ± 0.003 2.03 TMS-SCE-2X-1K- 1/8- <color> 3.18 0.125 1.58 0.062 1.75 - 2.66 0.069 - 0.105 0.64 ± 0.08 0.025 ± 0.003 2.75 TMS-SCE-1K- 3/16-2.0 - <color> 4.75 0.187 1.57 0.062 1.75 - 4.06 0.069 - 0.160 0.58 ± 0.08 0.023 ± 0.003 2.68 TMS-SCE-2X-1K- 3/16- <color> 4.75 0.187 2.36 0.093 2.54 - 4.06 0.100 - 0.160 0.64 ± 0.08 0.025 ± 0.003 3.62 TMS-SCE-1K- 1/4-2.0 - <color> 6.35 0.250 2.11 0.083 2.31 - 5.46 0.091 - 0.215 0.58 ± 0.08 0.023 ± 0.003 3.51 TMS-SCE-2X-1K- 1/4- <color> 6.35 0.250 3.18 0.125 3.81 - 5.46 0.150 - 0.215 0.64 ± 0.08 0.025 ± 0.003 5.94 TMS-SCE-1K- 3/8-2.0 - <color> 9.53 0.375 3.18 0.125 3.47 - 8.12 0.137 - 0.320 0.61 ± 0.08 0.024 ± 0.003 5.04 TMS-SCE-2X-1K- 3/8- <color> 9.53 0.375 4.75 0.187 5.59 - 8.12 0.220 - 0.320 0.64 ± 0.08 0.025 ± 0.003 8.50 TMS-SCE-1K- 1/2-2.0 - <color> 12.70 0.500 4.22 0.166 4.64 - 10.79 0.183 - 0.425 0.61 ± 0.08 0.024 ± 0.003 6.81 TMS-SCE-2X-1K- 1/2- <color> 12.70 0.500 6.35 0.250 6.99 - 10.79 0.275 - 0.425 0.64 ± 0.08 0.025 ± 0.003 11.45 TMS-SCE-1K-- 3/4-2.0 - <color> 19.05 0.750 6.35 0.250 6.99 - 16.25 0.275 - 0.640 0.61 ± 0.08 0.024 ± 0.003 12.03 TMS-SCE-2X-1K- 3/4- <color> 19.05 0.750 9.53 0.375 10.16 - 16.25 0.400 - 0.640 0.76 ± 0.08 0.030 ± 0.003 20.63 TMS-SCE-1K-1-2.0 - <color> 25.40 1.000 8.46 0.333 9.29 - 21.59 0.366 - 0.850 0.64 ± 0.08 0.025 ± 0.003 15.35 TMS-SCE-1K-11/2-2.0 - <color> 38.10 1.500 19.05 0.750 20.95 - 33.02 0.825 - 1.300 0.51 ± 0.08 0.020 ± 0.003 27.51 TMS-SCE-1K-2-2.0 - <color> 50.80 2.000 25.40 1.000 27.94 - 44.95 1.100 - 1.750 0.64 ± 0.08 0.025 ± 0.003 47.27 TMS-SCE-1K-21/4-2.0 - <color> 57.15 2.250 19.05 0.750 22.32 - 50.80 0.880 - 2.000 0.76 ± 0.08 0.030 ± 0.003 42.06 Total width as supplied 90.18 mm (3.550 inches) including tape and carrier width. Options Prescoring Perforated score to produce multiple markers from each sleeve. Number of prescores 1 prescore 2 prescores 3 prescores Code S1 S2 S3 Package sizes Standard 1K - 1000-piece packs Nonstandard Smaller and larger pack sizes are available. Please contact Tyco Electronics. Colors Standard Yellow White Code 4 9 Nonstandard Red Pink Orange Green Blue Violet Gray Black Code 22L 3567 80 Note: 3:1 products yellow and white meet the color requirements of MIL-STD-104 class 1. Otherwise colors are pastel for print contrast. Ordering information: Specify product name, pack size, sleeve size, prescore format, and color. Ordering example: TMS-SCE-1K- 1/8-2.0-S1-9 (scored once) TMS-SCE-2X only available in white SOG-ER33-3 BT-M 50mm (nom ) SOG-ER32-3 BT-M SOG-ER13-3 BT-M D d |
Similar Part No. - 1114960 |
|
Similar Description - 1114960 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |