Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE58F-24 Datasheet(PDF) 7 Page - Winbond

Part # W78LE58F-24
Description  8-BIT MICROCONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE58F-24 Datasheet(HTML) 7 Page - Winbond

Back Button W78LE58F-24 Datasheet HTML 3Page - Winbond W78LE58F-24 Datasheet HTML 4Page - Winbond W78LE58F-24 Datasheet HTML 5Page - Winbond W78LE58F-24 Datasheet HTML 6Page - Winbond W78LE58F-24 Datasheet HTML 7Page - Winbond W78LE58F-24 Datasheet HTML 8Page - Winbond W78LE58F-24 Datasheet HTML 9Page - Winbond W78LE58F-24 Datasheet HTML 10Page - Winbond W78LE58F-24 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Preliminary W78LE58
Publication Release Date: June 2000
- 7 -
Revision A1
Continued
A8
+IE
00000000
P42AL
00000000
P42AH
00000000
P2ECON
0000xx00
AF
A0
+P2
11111111
A7
98
+SCON
00000000
SBUF
xxxxxxxx
9F
90
+P1
11111111
P41AL
00000000
P41AH
00000000
97
88
+TCON
00000000
TMOD
00000000
TL0
00000000
TL1
00000000
TH0
00000000
TH1
00000000
8F
80
+P0
11111111
SP
00000111
DPL
00000000
DPH
00000000
P40AL
00000000
P40AH
00000000
PCON
00110000
87
Notes:
1.The SFRs marked with a plus sign(+) are both byte- and bit-addressable.
2. The text of SFR with bold type characters are extension function registers.
Port 4
Port 4, address D8H, is a 4-bit multipurpose programmable I/O port. Each bit can be configured
individually by software. The Port 4 has four different operation modes.
Mode 0: P4.0
−P4.3 is a bi-directional I/O port which is same as port 1. P4.2 and P4.3 also serve as
external interrupt INT3 and INT2 if enabled.
Mode 1: P4.0
−P4.3 are read strobe signals that are synchronized with RD signal at specified
addresses. These signals can be used as chip-select signals for external peripherals.
Mode 2: P4.0
−P4.3 are write strobe signals that are synchronized with WR signal at specified
addresses. These signals can be used as chip-select signals for external peripherals.
Mode 3: P4.0
−P4.3 are read/write strobe signals that are synchronized with RD or WR signal at
specified addresses. These signals can be used as chip-select signals for external
peripherals.
When Port 4 is configured with the feature of chip-select signals, the chip-select signal address range
depends on the contents of the SFR P4xAH, P4xAL, P4CONA and P4CONB. The registers P4xAH
and P4xAL contain the 16-bit base address of P4.x. The registers P4CONA and P4CONB contain the
control bits to configure the Port 4 operation mode.
INT2 / INT3
Two additional external interrupts, INT2 and INT3 , whose functions are similar to those of external
interrupt 0 and 1 in the standard 80C52. The functions/status of these interrupts are
determined/shown by the bits in the XICON (External Interrupt Control) register. The XICON register
is bit-addressable but is not a standard register in the standard 80C52. Its address is at 0C0H. To
set/clear bits in the XICON register, one can use the "SETB ( CLR ) bit" instruction. For example,
"SETB 0C2H" sets the EX2 bit of XICON.


Similar Part No. - W78LE58F-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE58 WINBOND-W78LE58 Datasheet
239Kb / 34P
   8-BIT MICROCONTROLLER
W78LE58 WINBOND-W78LE58_06 Datasheet
239Kb / 34P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78LE58F-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com