Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLS1A10BQ5BT1 Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # WLS1A10BQ5BT1
Description  Limitless??Single Switch Adapter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

WLS1A10BQ5BT1 Datasheet(HTML) 6 Page - Honeywell Accelerometers

  WLS1A10BQ5BT1 Datasheet HTML 1Page - Honeywell Accelerometers WLS1A10BQ5BT1 Datasheet HTML 2Page - Honeywell Accelerometers WLS1A10BQ5BT1 Datasheet HTML 3Page - Honeywell Accelerometers WLS1A10BQ5BT1 Datasheet HTML 4Page - Honeywell Accelerometers WLS1A10BQ5BT1 Datasheet HTML 5Page - Honeywell Accelerometers WLS1A10BQ5BT1 Datasheet HTML 6Page - Honeywell Accelerometers WLS1A10BQ5BT1 Datasheet HTML 7Page - Honeywell Accelerometers WLS1A10BQ5BT1 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6Honeywell•SensingandControl
Limitless™ WLS Series
ANTENNA OPTIONS
WAN01RSP
straight design,
2.2 dBi gain,
direct mount
connector
WAN02RSP
tilt & swivel design,
2.2 dBi gain,
direct mount
connector
WAN05RSP
&
WAMM100RSP-005
T/S, 9 dBi gain,
magnetic mount
WAN03RSP
flat design,
3 dBi gain,
adhesive mount
WAN06RNJ
straight design,
8 dBi gain,
bracket mount
WAN07RSP
straight design,
0 dBi gain, direct
mount connector
WAN11RSP
low-profile dome antenna,
4.0 dBi gain, through-hole screw mount
WAN09RSP
low-profile mobile antenna,
3.0 dBi gain, magnetic mount
WAN10RSP
straight mobile an-
tenna, 5.0 dBi gain,
magnetic mount
WPB1
WPMM mounting
bracket
WPR1
WPMM panel mount
retainer
WAN04RSP
tilt & swivel design,
5.5 dBi gain,
direct mount
connector
Antenna
Type Code
“01”
Antenna
Type Code
“02”
Antenna Type
Code “03”
Antenna
Type Code
“11”
Antenna Type
Code “04”


Similar Part No. - WLS1A10BQ5BT1

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WLS1A11AQRS1 HONEYWELL-ACC-WLS1A11AQRS1 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
WLS1A11AQRS2 HONEYWELL-ACC-WLS1A11AQRS2 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
WLS1A11BQRS1 HONEYWELL-ACC-WLS1A11BQRS1 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
WLS1A11BQRS2 HONEYWELL-ACC-WLS1A11BQRS2 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
More results

Similar Description - WLS1A10BQ5BT1

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WOI1A00APAG HONEYWELL-ACC-WOI1A00APAG Datasheet
1Mb / 7P
   Limitless??Wireless Operator Interface
logo
Lumileds Lighting Compa...
PB185 LUMILEDS-PB185 Datasheet
1Mb / 2P
   Unique LED enabling limitless design freedom
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
   160 WATT MEDICAL SWITCH ADAPTER
logo
Phihong USA Inc.
PSS45W-090 PHIHONG-PSS45W-090 Datasheet
182Kb / 2P
   Single Output Adapter Series
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
HD-3000S ETC2-HD-3000S Datasheet
1Mb / 3P
   Single Channel HD-SDI Adapter
logo
PHOENIX CONTACT
2700150 PHOENIX-2700150 Datasheet
48Kb / 2P
   Adapter for single-hole mounting
logo
ETA-USA
WTA20-SX-Y-C2 ETA-USA-WTA20-SX-Y-C2 Datasheet
341Kb / 5P
   20 WATT SINGLE OUTPUT SWITCHING ADAPTER
DTT36-SX-W ETA-USA-DTT36-SX-W Datasheet
565Kb / 4P
   36 WATT SINGLE OUTPUT SWITCHING ADAPTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com