Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83193R-04A Datasheet(PDF) 7 Page - Winbond

Part # W83193R-04A
Description  83.3 MHZ 3-DIMM CLOCK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83193R-04A Datasheet(HTML) 7 Page - Winbond

Back Button W83193R-04A Datasheet HTML 3Page - Winbond W83193R-04A Datasheet HTML 4Page - Winbond W83193R-04A Datasheet HTML 5Page - Winbond W83193R-04A Datasheet HTML 6Page - Winbond W83193R-04A Datasheet HTML 7Page - Winbond W83193R-04A Datasheet HTML 8Page - Winbond W83193R-04A Datasheet HTML 9Page - Winbond W83193R-04A Datasheet HTML 10Page - Winbond W83193R-04A Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Preliminary W83193R-02/-04/-04A
Publication Release Date: April 1999
- 7 -
Revision A1
8.3.1 Register 0: CPU Frequency Select Register (1 = Enable, 0 = Stopped)
BIT
@POWERUP
PIN
DESCRIPTION
7
0
-
0 =
±1.5% Spread Spectrum Modulation
1 =
±0.5% Spread Spectrum Modulation
6
0
-
SSEL2 (Frequency table selection by software via I
2C)
5
0
-
SSEL1 (Frequency table selection by software via I
2C)
4
0
-
SSEL0 (Frequency table selection by software via I
2C)
3
0
-
0 = Selection by hardware
1 = Selection by software I
2C - Bit 6:4
2
0
-
0 = Spread Spectrum center spread type
1 = Spread Spectrum down spread type
1
0
-
0 = Normal
1 = Spread Spectrum enabled
0
0
-
0 = Running
1 = Tristate all outputs
Frequency table selection by software via I
2C
SSEL2
SSEL1
SSEL0
CPU, SDRAM (MHz)
PCI (MHz)
REF, IOAPIC (MHz)
0
0
0
50
25
14.318
0
0
1
75
32
14.318
0
1
0
83.3
41.65
14.318
0
1
1
68.5
34.25
14.318
1
0
0
83.3
33.3
14.318
1
0
1
75
37.5
14.318
1
1
0
60
30
14.318
1
1
1
66.8
33.4
14.318
FUNCTION TABLE
FUNCTION
OUTPUTS
DESCRIPTION
CPU
PCI
SDRAM
REF
IOAPIC
TRI-STATE
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
NORMAL
See table
See table
CPU
14.318
14.318


Similar Part No. - W83193R-04A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83193R-01 WINBOND-W83193R-01 Datasheet
237Kb / 19P
   83.MHZ 3-DIMM CLOCK
More results

Similar Description - W83193R-04A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83193R-01 WINBOND-W83193R-01 Datasheet
237Kb / 19P
   83.MHZ 3-DIMM CLOCK
logo
Integrated Technology F...
241101B ITF-241101B Datasheet
165Kb / 2P
   83.3 MHz SAW Filter
logo
Winbond
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
W83194BR-KT WINBOND-W83194BR-KT Datasheet
177Kb / 13P
   STEP-LESS 3-DIMM K7 CLOCK
logo
Cypress Semiconductor
W48S87-04 CYPRESS-W48S87-04 Datasheet
201Kb / 21P
   Spread Spectrum 3 DIMM Desktop Clock
logo
Winbond
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83195BR-25 WINBOND-W83195BR-25 Datasheet
264Kb / 18P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com