Electronic Components Datasheet Search |
|
W83194AR-96 Datasheet(PDF) 9 Page - Winbond |
|
W83194AR-96 Datasheet(HTML) 9 Page - Winbond |
9 / 12 page W83194AR-96 PRELIMINARY Publication Release Date: July 1999 - 9 - Revision 0.35 6.0 SPECIFICATIONS 6.1 ABSOLUTE MAXIMUM RATINGS Stresses greater than those listed in this table may cause permanent damage to the device. Precautions should be taken to avoid application of any voltage higher than the maximum rated voltages to this circuit. Subjection to maximum conditions for extended periods may affect reliability. Unused inputs must always be tied to an appropriate logic voltage level (Ground or Vdd). Symbol Parameter Rating Vdd , VIN Voltage on any pin with respect to GND - 0.5 V to + 7.0 V TSTG Storage Temperature - 65 °C to + 150°C TB Ambient Temperature - 55 °C to + 125°C TA Operating Temperature 0 °C to + 70°C 6.2 AC CHARACTERISTICS VddR=Vdd3=VddP=VddS=3.3V ± 5 %, VddC = VddA= 2.375V~2.9V , TA = 0°C to +70°C Parameter Symbol Min Typ Max Units Test Conditions Output Duty Cycle 45 50 55 % Measured at 1.5V CPU/SDRAM to PCI Offset tOFF 1 4 ns 15 pF Load Measured at 1.5V Skew (CPU-CPU), (PCI- PCI), (SDRAM-SDRAM) tSKEW 250 ps 15 pF Load Measured at 1.5V CPU/SDRAM Cycle to Cycle Jitter tCCJ ±250 ps CPU/SDRAM Absolute Jitter tJA 500 ps Jitter Spectrum 20 dB Bandwidth from Center BWJ 500 KHz Output Rise (0.4V ~ 2.0V) & Fall (2.0V ~0.4V) Time tTLH tTHL 0.4 1.6 ns 15 pF Load on CPU and PCI outputs Overshoot/Undershoot Beyond Power Rails Vover 0.7 1.5 V 22 Ω at source of 8 inch PCB run to 15 pF load Ring Back Exclusion VRBE 0.7 2.1 V Ring Back must not enter this range. |
Similar Part No. - W83194AR-96 |
|
Similar Description - W83194AR-96 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |