Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194BR-138 Datasheet(PDF) 5 Page - Winbond

Part # W83194BR-138
Description  200MHZ CLOCK FOR SOLANO CHIPSET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-138 Datasheet(HTML) 5 Page - Winbond

  W83194BR-138 Datasheet HTML 1Page - Winbond W83194BR-138 Datasheet HTML 2Page - Winbond W83194BR-138 Datasheet HTML 3Page - Winbond W83194BR-138 Datasheet HTML 4Page - Winbond W83194BR-138 Datasheet HTML 5Page - Winbond W83194BR-138 Datasheet HTML 6Page - Winbond W83194BR-138 Datasheet HTML 7Page - Winbond W83194BR-138 Datasheet HTML 8Page - Winbond W83194BR-138 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
W83194BR-138
PRELIMINARY
Publication Release Date: May 2000
- 5 -
Revision 0.37
5.0 FREQUENCY SELECTION BY HARDWARE
FS4
FS3
FS2
FS1
FS0
CPU(MHz)
SDRAM
(MHz)
3V66(MHz)
PCI(MHz)
IOAPIC
(MHz)
0
0
0
0
0
66.67
100.00
66.67
33.33
16.67
0
0
0
0
1
66.87
100.31
66.87
33.44
16.72
0
0
0
1
0
68.67
103.00
68.67
34.33
17.17
0
0
0
1
1
71.34
107.00
71.34
35.67
17.83
0
0
1
0
0
100.00
100.00
66.67
33.33
16.67
0
0
1
0
1
100.30
100.30
66.87
33.43
16.72
0
0
1
1
0
103.00
103.00
68.67
34.33
17.17
0
0
1
1
1
107.00
107.00
71.33
35.67
17.83
0
1
0
0
0
133.33
133.33
66.67
33.33
16.67
0
1
0
0
1
133.73
133.73
66.87
33.43
16.72
0
1
0
1
0
137.33
137.33
68.67
34.33
17.17
0
1
0
1
1
120.00
120.00
60.00
30.00
15.00
0
1
1
0
0
133.33
100.00
66.67
33.33
16.67
0
1
1
0
1
133.73
100.30
66.87
33.43
16.72
0
1
1
1
0
137.33
103.00
68.67
34.33
17.17
0
1
1
1
1
120.00
90.00
60.00
30.00
15.00
1
0
0
0
0
136.00
136.00
68.00
34.00
17.00
1
0
0
0
1
140.00
140.00
70.00
35.00
17.50
1
0
0
1
0
142.67
142.67
71.33
35.67
17.83
1
0
0
1
1
145.33
145.33
72.67
36.33
18.17
1
0
1
0
0
136.00
102.00
68.00
34.00
17.00
1
0
1
0
1
140.00
105.00
70.00
35.00
17.50
1
0
1
1
0
142.67
107.00
71.34
35.67
17.83
1
0
1
1
1
145.33
109.00
72.67
36.33
18.17
1
1
0
0
0
146.67
146.67
73.34
36.67
18.33
1
1
0
0
1
153.33
153.33
76.67
38.33
19.17
1
1
0
1
0
160.00
160.00
80.00
40.00
20.00
1
1
0
1
1
166.67
166.67
83.34
41.67
20.83
1
1
1
0
0
146.67
110.00
73.34
36.67
18.33
1
1
1
0
1
160.00
120.00
80.00
40.00
20.00
1
1
1
1
0
166.67
125.00
83.34
41.67
20.83
1
1
1
1
1
200.00
200.00
100.00
50.00
25.00


Similar Part No. - W83194BR-138

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-323 WINBOND-W83194BR-323 Datasheet
319Kb / 18P
   STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
W83194BR-372 WINBOND-W83194BR-372 Datasheet
332Kb / 24P
   CLOCK GENERATOR FOR SIS 746/748 CHIPSETS
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
More results

Similar Description - W83194BR-138

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195AR-25 WINBOND-W83195AR-25 Datasheet
245Kb / 16P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83194BR-S WINBOND-W83194BR-S Datasheet
295Kb / 17P
   200MHZ 2-DIMM CLOCK FOR SOLANO CHIPSET
W83195BR-25 WINBOND-W83195BR-25 Datasheet
264Kb / 18P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195BR-S WINBOND-W83195BR-S Datasheet
170Kb / 10P
   STEPLESS 200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83194AR-WE WINBOND-W83194AR-WE Datasheet
270Kb / 16P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-C WINBOND-W83194BR-C Datasheet
215Kb / 13P
   200MHZ CLOCK FOR CAMINO CHIPSET
W83194AR-96 WINBOND-W83194AR-96 Datasheet
214Kb / 12P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-97 WINBOND-W83194BR-97 Datasheet
207Kb / 11P
   200MHZ CLOCK FOR CAMINO CHIPSET
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
   166MHZ CLOCK FOR SIS CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com