Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-622F Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # GPS-622F
Description  Low-Power High-Performance and Low-Cost 65 Channel GPS Engine Board (Flash based)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-622F Datasheet(HTML) 5 Page - rfsolutions.ltd

  GPS-622F Datasheet HTML 1Page - rfsolutions.ltd GPS-622F Datasheet HTML 2Page - rfsolutions.ltd GPS-622F Datasheet HTML 3Page - rfsolutions.ltd GPS-622F Datasheet HTML 4Page - rfsolutions.ltd GPS-622F Datasheet HTML 5Page - rfsolutions.ltd GPS-622F Datasheet HTML 6Page - rfsolutions.ltd GPS-622F Datasheet HTML 7Page - rfsolutions.ltd GPS-622F Datasheet HTML 8Page - rfsolutions.ltd GPS-622F Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS-GPS-622F-2
Sept 11
©
2010 www.rfsolutions.co.uk
Page 5
GPS SMART RECEIVER WITH ANTENNA
GPS-622F
2.2
2.2
2.2
2.2 Serial
Serial
Serial
Serial Port
Port
Port
Port Setti
Setti
Setti
Settin
n
n
ng
g
g
gs
s
s
s
The default configuration within the standard GPS firmware is the Standard configuration of
serial port:
Supporting 9600 baud rate, 8 data bits, no parity, 1 stop bit, no flow control
2.
2.
2.
2.3
3
3
3 GPS Status Indicator
GPS Status Indicator
GPS Status Indicator
GPS Status Indicator
Non
Non
Non
Non----Fixed mode : LED is always on
Fixed mode : LED is always on
Fixed mode : LED is always on
Fixed mode : LED is always on
Fixed mode : LED toggle every second
Fixed mode : LED toggle every second
Fixed mode : LED toggle every second
Fixed mode : LED toggle every second
1.
1.
1.
1. Communication Specifications
Communication Specifications
Communication Specifications
Communication Specifications
Item
Item
Item
Item
Description
Description
Description
Description
Interface
Full duplex serial interface
Bit rate
Default 9600
Start bit
1bit
Stop bit
1bit
Data bit
8bit
Parity
None
Transmission data
SACII NMEA0183 Ver:3.01
Update rate
1Hz
Output sentence
GGA/GSA/GSV/RMC/VTG (typ)
Table 2: Communication specifications
Table 2: Communication specifications
Table 2: Communication specifications
Table 2: Communication specifications
2.6 Multi
2.6 Multi
2.6 Multi
2.6 Multi----path Mitigation
path Mitigation
path Mitigation
path Mitigation
Multipath refers to the existence of signals reflected from objects in the vicinity of a receiver's
antenna that corrupt the direct line-of-sight signals from the GPS satellites, thus degrading
the accuracy of both code-based and carrier phase–based measurements. Particularly difficult
is close-in multipath in which the reflected secondary signals arrive only slightly later (within
about 100 nanoseconds) than does the direct-path signal, having been reflected from objects
only a short distance from the receiver antenna.
GPS-622F deploys the advanced multi-path detection and suppression algorithm to reduce
multipath errors, the GPS signals themselves can be designed to provide inherent resistance
to multipath errors


Similar Part No. - GPS-622F

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-610F RFSOLUTIONS-GPS-610F Datasheet
464Kb / 16P
   Low-Power High-Performance and Low-Cost 65 Channel GPS Engine Board (Flash based)
More results

Similar Description - GPS-622F

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-610F RFSOLUTIONS-GPS-610F Datasheet
464Kb / 16P
   Low-Power High-Performance and Low-Cost 65 Channel GPS Engine Board (Flash based)
logo
List of Unclassifed Man...
FGPMMOPA5 ETC-FGPMMOPA5 Datasheet
949Kb / 21P
   51-channel GPS Engine Board
logo
Axiomtek Co., Ltd.
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
   Flexible, low cost and high performance
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
   Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
   Flexible, low cost and high performance
AD-904 AXIOMTEK-AD-904 Datasheet
266Kb / 1P
   Flexible, low cost and high performance
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
   Flexible, low cost and high performance
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
TD1204 ETC2-TD1204 Datasheet
274Kb / 32P
   HIGH-PERFORMANCE, LOW-CURRENT SIGFOX??GATEWAY AND GPS RECEIVER
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com