Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-622F Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # GPS-622F
Description  Low-Power High-Performance and Low-Cost 65 Channel GPS Engine Board (Flash based)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-622F Datasheet(HTML) 7 Page - rfsolutions.ltd

Back Button GPS-622F Datasheet HTML 3Page - rfsolutions.ltd GPS-622F Datasheet HTML 4Page - rfsolutions.ltd GPS-622F Datasheet HTML 5Page - rfsolutions.ltd GPS-622F Datasheet HTML 6Page - rfsolutions.ltd GPS-622F Datasheet HTML 7Page - rfsolutions.ltd GPS-622F Datasheet HTML 8Page - rfsolutions.ltd GPS-622F Datasheet HTML 9Page - rfsolutions.ltd GPS-622F Datasheet HTML 10Page - rfsolutions.ltd GPS-622F Datasheet HTML 11Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS-GPS-622F-2
Sept 11
©
2010 www.rfsolutions.co.uk
Page 7
GPS SMART RECEIVER WITH ANTENNA
GPS-622F
3 PINOUT DESCRIPTION
3 PINOUT DESCRIPTION
3 PINOUT DESCRIPTION
3 PINOUT DESCRIPTION
Pin Number
Pin Number
Pin Number
Pin Number
Signal Name
Signal Name
Signal Name
Signal Name
Description
Description
Description
Description
1
RXD
RXD
RXD
RXD
UART input, 3V LVTTL for SUP500R, SUP500RB
2
TXD
TXD
TXD
TXD
UART output, 3V LVTTL for SUP500R, SUP500RB
UART output, RS232 level for SUP500RR
3
GN
GN
GN
GND
D
D
D
System ground
4
VDD
VDD
VDD
VDD
Main3.3V ~ 5.5V supply input
5
VBAT
VBAT
VBAT
VBAT*
**
*
Backup supply voltage for RTC and SRAM, 1.5V ~ 5.5V
6
P1PS
P1PS
P1PS
P1PS
1 pulse per second time mark output
7
PSE_SEL
PSE_SEL
PSE_SEL
PSE_SEL
Search Engine Mode select:
1: Low power acquisition mode (default), acquisition current
~50mA
0: Enhanced acquisition mode, acquisition current ~70mA
* Note: Both VDD and VBAT need to be connected in order for the module to work.*


Similar Part No. - GPS-622F

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-610F RFSOLUTIONS-GPS-610F Datasheet
464Kb / 16P
   Low-Power High-Performance and Low-Cost 65 Channel GPS Engine Board (Flash based)
More results

Similar Description - GPS-622F

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-610F RFSOLUTIONS-GPS-610F Datasheet
464Kb / 16P
   Low-Power High-Performance and Low-Cost 65 Channel GPS Engine Board (Flash based)
logo
List of Unclassifed Man...
FGPMMOPA5 ETC-FGPMMOPA5 Datasheet
949Kb / 21P
   51-channel GPS Engine Board
logo
Axiomtek Co., Ltd.
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
   Flexible, low cost and high performance
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
   Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
   Flexible, low cost and high performance
AD-904 AXIOMTEK-AD-904 Datasheet
266Kb / 1P
   Flexible, low cost and high performance
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
   Flexible, low cost and high performance
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
TD1204 ETC2-TD1204 Datasheet
274Kb / 32P
   HIGH-PERFORMANCE, LOW-CURRENT SIGFOX??GATEWAY AND GPS RECEIVER
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com