Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS379-1 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # DS379-1
Description  audio transceiver with auto-connect modes and command interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

DS379-1 Datasheet(HTML) 6 Page - rfsolutions.ltd

Back Button DS379-1 Datasheet HTML 2Page - rfsolutions.ltd DS379-1 Datasheet HTML 3Page - rfsolutions.ltd DS379-1 Datasheet HTML 4Page - rfsolutions.ltd DS379-1 Datasheet HTML 5Page - rfsolutions.ltd DS379-1 Datasheet HTML 6Page - rfsolutions.ltd DS379-1 Datasheet HTML 7Page - rfsolutions.ltd DS379-1 Datasheet HTML 8Page - rfsolutions.ltd DS379-1 Datasheet HTML 9Page - rfsolutions.ltd DS379-1 Datasheet HTML 10Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6
7-Jul-06
LinkMatik 2.0 DS379-1
© FlexiPanel Ltd
Patents apply and/or pending
www.FlexiPanel.com
The PIN code may be up to 16 characters long.
Note that many mobile phones can only specify
the digits 0-9 as PIN codes.
Wedded Pairs
To create a wedded pair, one device must be the
master and the other the slave. Set the same PIN
code on both devices. Then place the first device
in Auto-Slave mode.
Place the second device in Auto-Master mode. It
will have nothing paired with it initially. To set up
its pair, use the I command to scan for the slave
device.
Example:
I 8 N
Response example:
INQUIRY_PARTIAL 01:23:45:67:89:AB DEVCLS
INQUIRY 1
INQUIRY BTADDR DEVCLS ““ RSSI
NAME BTADDR DEVNAME
When the inquiry command is complete, connect
to the Auto-Slave device using the C command,
referring to the Bluetooth address reported in the
INQUIRY response obtained during the scan.
Format:
C BTADDR 1101 RFC
Example:
C 01:23:45:67:89:AB 1101 RFC
Response:
CALL LINKID
CONNECT LINKID RFCOMM
The devices will now be paired.
When both
devices power up, they will connect together
automatically
Command Mode
To configure LinkMatik for Command / Data mode,
send the following commands:
SET CONTROL AUTOCALL
SET CONTROL ECHO 4
SET CONTROL CD 4 1
SET BT PAGEMODE 3 2000 1
Migration from LinkMatik 1.0
Migration from LinkMatik 1.0 should be relatively
straightforward.
The following issues must be
considered:
• The MSM pin is replaced with the ESC pin
which should be kept low except to switch to
command mode.
• ATN pin performs the same function as the
earlier Status pin outputting high when the
device is connected.
• Data should not be sent to LinkMatik when
ATN is low; it will be interpreted as a
command
• Connect / Sleep pin is no longer functional.
Sleep mode can only be entered from
command mode.
• Auto-Master Mode connects according to its
list of paired devices rather than the name of
the remote device.
Migration from BlueMatik 1.0
Migration from BlueMatik 1.0 is possible but will
require modification of the motherboard and host
firmware.
The
following
issues
must
be
considered:
• Pin-out substantially changed
• Command set substantially changed.


Similar Part No. - DS379-1

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3701 TTELEC-DS3701 Datasheet
284Kb / 1P
   30mm Scale Glass Tube & Float for Gas & Water
logo
rfsolutions.ltd
DS378-2 RFSOLUTIONS-DS378-2 Datasheet
867Kb / 11P
   Evaluation board for Toothpick, LinkMatik, Bluematik and Toothpick Stamp Edition
More results

Similar Description - DS379-1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R16320E ISSI-IS43R16320E Datasheet
1,006Kb / 33P
   Auto Refresh and Self Refresh Modes
IS43R16800E ISSI-IS43R16800E Datasheet
1Mb / 31P
   Auto Refresh and Self Refresh Modes
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com