Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194R-39A Datasheet(PDF) 3 Page - Winbond

Part # W83194R-39A
Description  100MHZ 3-DIMM CLOCK
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194R-39A Datasheet(HTML) 3 Page - Winbond

  W83194R-39A Datasheet HTML 1Page - Winbond W83194R-39A Datasheet HTML 2Page - Winbond W83194R-39A Datasheet HTML 3Page - Winbond W83194R-39A Datasheet HTML 4Page - Winbond W83194R-39A Datasheet HTML 5Page - Winbond W83194R-39A Datasheet HTML 6Page - Winbond W83194R-39A Datasheet HTML 7Page - Winbond W83194R-39A Datasheet HTML 8Page - Winbond W83194R-39A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
W83194R-39/-39A
PRELIMINARY
Publication Release Date: May 1998
- 3 -
Revision 0.20
4.0 PIN CONFIGURATION
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Vddq1
PCI_STOP#/REF0
Vss
Xin
Xout
Vddq2
PCICLK_F/MODE*
PCICLK0/FS3*
Vss
PCICLK1
PCICLK2
PCICLK3
PCICLK4
Vddq2
BUFFER IN
Vss
SDRAM11
SDRAM10
Vddq3
SDRAM 9
SDRAM 8
Vss
SDATA
SDCLK
VddL1
IOAPIC
REF1/FS2*
Vss
CPUCLK_F
CPUCLK1
VddL2
CPU_STOP#
SDRAM12
Vss
SDRAM 0
SDRAM 1
SDRAM 2
Vddq3
SDRAM 3
Vss
SDRAM 4
SDRAM 5
SDRAM 6
SDRAM 7
Vddq4
Vddq3
48MHz/FS0*
24MHz/FS1*
(W83194R-39A )
5.0 PIN DESCRIPTION
IN - Input
OUT - Output
I/O - Bi-directional Pin
# - Active Low
* - Internal 250k
Ω pull-up


Similar Part No. - W83194R-39A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-37 WINBOND-W83194R-37 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
More results

Similar Description - W83194R-39A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-67A WINBOND-W83194R-67A Datasheet
237Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
W83194R-67B WINBOND-W83194R-67B Datasheet
260Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83193R-01 WINBOND-W83193R-01 Datasheet
237Kb / 19P
   83.MHZ 3-DIMM CLOCK
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
W83194BR-KT WINBOND-W83194BR-KT Datasheet
177Kb / 13P
   STEP-LESS 3-DIMM K7 CLOCK
logo
Cypress Semiconductor
W48S87-04 CYPRESS-W48S87-04 Datasheet
201Kb / 21P
   Spread Spectrum 3 DIMM Desktop Clock
logo
Maxim Integrated Produc...
DS4100H MAXIM-DS4100H Datasheet
128Kb / 6P
   100MHz HCSL Clock Generator
Rev 0; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com