Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194R-58A Datasheet(PDF) 1 Page - Winbond

Part # W83194R-58A
Description  100MHZ AGP CLOCK FOR VIA CHIPSET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194R-58A Datasheet(HTML) 1 Page - Winbond

  W83194R-58A Datasheet HTML 1Page - Winbond W83194R-58A Datasheet HTML 2Page - Winbond W83194R-58A Datasheet HTML 3Page - Winbond W83194R-58A Datasheet HTML 4Page - Winbond W83194R-58A Datasheet HTML 5Page - Winbond W83194R-58A Datasheet HTML 6Page - Winbond W83194R-58A Datasheet HTML 7Page - Winbond W83194R-58A Datasheet HTML 8Page - Winbond W83194R-58A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
W83194R-58A
100MHZ AGP CLOCK FOR VIA CHIPSET
Publication Release Date: Nov. 1999
- 1 -
Revision 0.30
1.0 GENERAL DESCRIPTION
The W83194R-58A is a Clock Synthesizer for VIA chipset.
W83194R-58A provides all clocks
required for high-speed RISC or CISC microprocessor such as Intel PentiumII and also provides 16
different frequencies of CPU clocks by software setting.
AGP and PCI clocks are externally
selectable with smooth transitions.
The W83194R-58A provides AGP clocks especially for clone
chipset, and makes SDRAM in synchronous frequency with CPU or AGP clocks.
The W83194R-58A provides I
2C serial bus interface to program the registers to enable or disable
each clock outputs and choose the 0.25%, 0.5% or 0.5%,1.5% center type spread spectrum to reduce
EMI.
The W83194R-58A accepts a 14.318 MHz reference crystal as its input and runs on a 3.3V supply.
High drive PCI and SDRAM CLOCK outputs typically provide greater than 1 V /ns slew rate into 30
pF loads. CPU CLOCK outputs typically provide better than 1 V /ns slew rate into 20 pF loads when
maintaining 50± 5% duty cycle. The fixed frequency outputs as REF, 24MHz, and 48 MHz provide
better than 0.5V /ns slew rate.
2.0 PRODUCT FEATURES
• Supports Pentium™, Pentium™ Pro, Pentium™ II, AMD and Cyrix CPUs with I2C.
• 4 CPU clocks
• 12 SDRAM clocks for 3 DIMs
• Two AGP clocks
• 6 PCI synchronous clocks.
• Optional single or mixed supply:
(Vdd = Vddq3 = Vddq2 = Vddq2b = 3.3V) or (Vdd = Vddq3 = Vddq2 = 3.3V, Vdq2b = 2.5V)
Skew form CPU to PCI clock -1 to 4 ns, center 2.6 ns, AGP to CPU sync. skew 0 ns (250 ps)
SDRAM frequency synchronous to CPU or AGP clocks
Smooth frequency switch with selections from 60 to 100 MHz CPU(-37) and 66 to 150MHz(-58)
• I2C 2-Wire serial interface and I2C read back
0~0.5% down type and 0.25%, 0.5% center type spread spectrum to reduce EMI
• Programmable registers to enable/stop each output and select modes
(mode as Tri-state or Normal )
• MODE pin for power Management
• 48 MHz for USB
• 24 MHz for super I/O
• 48-pin SSOP package


Similar Part No. - W83194R-58A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-58 WINBOND-W83194R-58 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
More results

Similar Description - W83194R-58A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
W83194R-37 WINBOND-W83194R-37 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83194R-67A WINBOND-W83194R-67A Datasheet
237Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
W83194R-67B WINBOND-W83194R-67B Datasheet
260Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
logo
AAEON Technology
AES-6100B AAEON-AES-6100B Datasheet
2Mb / 2P
   VIA Eden??667MHz processor, VIA VT8606 chipset with integrated AGP 4X graphic accelerator
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710 Datasheet
271Kb / 1P
   VIA CX700M chipset
logo
Cypress Semiconductor
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com