Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C63310-SXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C63310-SXC
Description  enCoRe??II Low Speed USB Peripheral Controller
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63310-SXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C63310-SXC_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C63310-SXC_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C63310-SXC_12 Datasheet HTML 9Page - Cypress Semiconductor CY7C63310-SXC_12 Datasheet HTML 10Page - Cypress Semiconductor CY7C63310-SXC_12 Datasheet HTML 11Page - Cypress Semiconductor CY7C63310-SXC_12 Datasheet HTML 12Page - Cypress Semiconductor CY7C63310-SXC_12 Datasheet HTML 13Page - Cypress Semiconductor CY7C63310-SXC_12 Datasheet HTML 14Page - Cypress Semiconductor CY7C63310-SXC_12 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
CY7C63310, CY7C638xx
Document Number: 38-08035 Rev. *Q
Page 11 of 91
Source Direct
The result of an instruction using this addressing mode is placed
in either the A register or the X register, which is specified as part
of the instruction opcode. Operand 1 is an address that points to
a location in the RAM memory space or the register space that
is the source of the instruction. Arithmetic instructions require
two sources; the second source is the A register or X register
specified in the opcode. Instructions using this addressing mode
are two bytes in length.
Examples
Source Indexed
The result of an instruction using this addressing mode is placed
in either the A register or the X register, which is specified as part
of the instruction opcode. Operand 1 is added to the X register
forming an address that points to a location in the RAM memory
space or the register space that is the source of the instruction.
Arithmetic instructions require two sources; the second source is
the A register or X register specified in the opcode. Instructions
using this addressing mode are two bytes in length.
Examples
Destination Direct
The result of an instruction using this addressing mode is placed
within the RAM memory space or the register space. Operand 1
is an address that points to the location of the result. The source
for the instruction is either the A register or the X register, which
is specified as part of the instruction opcode. Arithmetic
instructions require two sources; the second source is the
location specified by Operand 1. Instructions using this
addressing mode are two bytes in length.
Examples
Destination Indexed
The result of an instruction using this addressing mode is placed
within the RAM memory space or the register space. Operand 1
is added to the X register forming the address that points to the
location of the result. The source for the instruction is the A
register. Arithmetic instructions require two sources; the second
source is the location specified by Operand 1 added with the X
register. Instructions using this addressing mode are two bytes
in length.
Example
Table 9. Source Direct
Opcode
Operand 1
Instruction
Source address
ADD
A
[7]
The value in the RAM memory location at
address 7 is added with the Accumulator,
and the result is placed in the Accumu-
lator.
MOV
X
REG[8]
The value in the register space at address
8 is moved to the X register.
Table 10. Source Indexed
Opcode
Operand 1
Instruction
Source index
ADD
A
[X+7]
The value in the memory location at
address X + 7 is added with the
Accumulator, and the result is placed
in the Accumulator.
MOV
X
REG[X+8]
The value in the register space at
address X + 8 is moved to the X
register.
Table 11. Destination Direct
Opcode
Operand 1
Instruction
Destination address
ADD
[7]
A
The value in the memory location at
address 7 is added with the Accumu-
lator, and the result is placed in the
memory location at address 7. The
Accumulator is unchanged.
MOV
REG[8]
A
The Accumulator is moved to the
register space location at address 8.
The Accumulator is unchanged.
Table 12. Destination Indexed
Opcode
Operand 1
Instruction
Destination index
ADD
[X+7]
A
The value in the; memory location at
address X+7 is added with the Accumu-
lator, and the result is placed in the
memory location at address x+7. The
Accumulator is unchanged.


Similar Part No. - CY7C63310-SXC_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63310-SXC CYPRESS-CY7C63310-SXC Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310-SXC CYPRESS-CY7C63310-SXC Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63310-SXC CYPRESS-CY7C63310-SXC Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results

Similar Description - CY7C63310-SXC_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_08 Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com