Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137EV30LL-45BVXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62137EV30LL-45BVXI
Description  2-Mbit (128 K 횞 16) Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137EV30LL-45BVXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62137EV30LL-45BVXI_12 Datasheet HTML 1Page - Cypress Semiconductor CY62137EV30LL-45BVXI_12 Datasheet HTML 2Page - Cypress Semiconductor CY62137EV30LL-45BVXI_12 Datasheet HTML 3Page - Cypress Semiconductor CY62137EV30LL-45BVXI_12 Datasheet HTML 4Page - Cypress Semiconductor CY62137EV30LL-45BVXI_12 Datasheet HTML 5Page - Cypress Semiconductor CY62137EV30LL-45BVXI_12 Datasheet HTML 6Page - Cypress Semiconductor CY62137EV30LL-45BVXI_12 Datasheet HTML 7Page - Cypress Semiconductor CY62137EV30LL-45BVXI_12 Datasheet HTML 8Page - Cypress Semiconductor CY62137EV30LL-45BVXI_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY62137EV30 MoBL®
Document Number: 38-05443 Rev. *F
Page 3 of 18
Pin Configurations
Figure 1. 48-ball VFBGA (Top View) [1, 2]
Figure 2. 44-pin TSOP II (Top View) [1]
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
NC
NC
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
NC
Vcc
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
VCC
A16
A15
A14
A13
A4
A3
OE
VSS
A5
I/O15
A2
CE
I/O2
I/O0
I/O1
BHE
A1
A0
18
17
20
19
I/O3
27
28
25
26
22
21
23
24
VSS
I/O6
I/O4
I/O5
I/O7
A6
A7
BLE
VCC
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
A8
A9
A10
A11
A12
NC
NC
Product Portfolio
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2 (A)
f = 1 MHz
f = fmax
Min
Typ [3]
Max
Typ [3]
Max
Typ [3]
Max
Typ [3]
Max
CY62137EV30-45LL
2.2 V
3.0 V
3.6 V
45 ns
2
2.5
15
20
1
7
Notes
1. NC pins are not connected on the die.
2. Pins D3, H1, G2, H6 and H3 in the 48-ball VFBGA package are address expansion pins for 4 Mb, 8 Mb, 16 Mb, and 32 Mb and 64 Mb respectively.
3. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25 °C.


Similar Part No. - CY62137EV30LL-45BVXI_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137EV30LL-45BVXI CYPRESS-CY62137EV30LL-45BVXI Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137EV30LL-45BVXI CYPRESS-CY62137EV30LL-45BVXI Datasheet
489Kb / 15P
   2-Mbit (128K x 16) Static RAM
CY62137EV30LL-45BVXI CYPRESS-CY62137EV30LL-45BVXI Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
More results

Similar Description - CY62137EV30LL-45BVXI_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY7C1011CV33-12AXIT CYPRESS-CY7C1011CV33-12AXIT Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
FM28V202A CYPRESS-FM28V202A Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
FM21L16 CYPRESS-FM21L16 Datasheet
1Mb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com