Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM22LD16 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # FM22LD16
Description  4Mbit F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM22LD16 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button FM22LD16 Datasheet HTML 3Page - Cypress Semiconductor FM22LD16 Datasheet HTML 4Page - Cypress Semiconductor FM22LD16 Datasheet HTML 5Page - Cypress Semiconductor FM22LD16 Datasheet HTML 6Page - Cypress Semiconductor FM22LD16 Datasheet HTML 7Page - Cypress Semiconductor FM22LD16 Datasheet HTML 8Page - Cypress Semiconductor FM22LD16 Datasheet HTML 9Page - Cypress Semiconductor FM22LD16 Datasheet HTML 10Page - Cypress Semiconductor FM22LD16 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FM22LD16 - 256Kx16 FRAM
Rev. 3.0
Oct. 2012
Page 7 of 14
Software Write Protect Timing
CE
A(17:0)
WE
DQ(15:0)
24555
Data
Data
OE
02333
1CCCC
000FF
3EF00
3AAAA
1CCCC
0FF00
00000
3AAAA
SRAM Drop-In Replacement
The FM22LD16 has been designed to be a drop-in
replacement for standard asynchronous SRAMs. The
device does not require /CE to toggle for each new
address. /CE may remain low indefinitely. While /CE
is low, the device automatically detects address
changes and a new access is begun. This functionality
allows /CE to be grounded as you might with an
SRAM. It also allows page mode operation at speeds
up to 40MHz. Note that if /CE is tied to ground,
the user must be sure /WE is not low at powerup
or powerdown events. If /CE and /WE are both
low during power cycles, data corruption will
occur. Figure 3 shows a pullup resistor on /WE
which will keep the pin high during power cycles
assuming the MCU/MPU pin tri-states during the
reset condition. The pullup resistor value should
be chosen to ensure the /WE pin tracks VDD yet a
high enough value that the current drawn when
/WE is low is not an issue.
A 10Kohm resistor
draws 330uA when /WE is low and VDD=3.3V.
Figure 3. Use of Pullup Resistor on /WE
NOTE: If /CE is tied to ground, the user gives up
the ability to perform the software write-protect
sequence.
For applications that require the lowest power
consumption, the /CE signal should be active only
during memory accesses.
The FM22LD16 draws
supply current while /CE is low, even if addresses and
control signals are static. While /CE is high, the
device draws no more than the maximum standby
current ISB.
The FM22LD16 is backward compatible with the
1Mbit FM20L08 and 256Kbit FM18L08 devices.
That is, operating the FM22LD16 with /CE toggling
low on every address is perfectly acceptable.
The /UB and /LB byte select pins are active for both
read and write cycles. They may be used to allow the
device to be wired as a 512Kx8 memory. The upper
and lower data bytes can be tied together and
controlled with the byte selects. Individual byte
enables or the next higher address line A(18) may be
available from the system processor.
DQ(15:8)
DQ(7:0)
D(7:0)
A(17:0)
/CE
/UB
/LB
/WE
/OE
4Mbit F-RAM
FM22LD16
A(18)
A(17:0)
Figure 4. FM22LD16 Wired as 512Kx8
CE
WE
OE
A(17:0)
DQ
FM22LD16
VDD
MCU/
MPU
R


Similar Part No. - FM22LD16

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM22LD16-55-BG RAMTRON-FM22LD16-55-BG Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16-55-BG CYPRESS-FM22LD16-55-BG Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
FM22LD16-55-BGTR CYPRESS-FM22LD16-55-BGTR Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
More results

Similar Description - FM22LD16

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
FM22L16 CYPRESS-FM22L16 Datasheet
403Kb / 14P
   4Mbit Asynchronous F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22L16 RAMTRON-FM22L16 Datasheet
189Kb / 15P
   4Mbit FRAM Memory
logo
Sharp Corporation
LHF04C10 SHARP-LHF04C10 Datasheet
3Mb / 48P
   4Mbit Flash Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com