Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194R-67A Datasheet(PDF) 3 Page - Winbond

Part # W83194R-67A
Description  100MHZ 3-DIMM CLOCK FOR VIA MVP4
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194R-67A Datasheet(HTML) 3 Page - Winbond

  W83194R-67A Datasheet HTML 1Page - Winbond W83194R-67A Datasheet HTML 2Page - Winbond W83194R-67A Datasheet HTML 3Page - Winbond W83194R-67A Datasheet HTML 4Page - Winbond W83194R-67A Datasheet HTML 5Page - Winbond W83194R-67A Datasheet HTML 6Page - Winbond W83194R-67A Datasheet HTML 7Page - Winbond W83194R-67A Datasheet HTML 8Page - Winbond W83194R-67A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
W83194R-67A
PRELIMINARY
Publication Release Date: Feb. 1999
- 3 -
Revision 0.30
5.0 PIN DESCRIPTION
IN - Input
OUT - Output
I/O - Bi-directional Pin
# - Active Low
* - Internal 250k
Ω pull-up
5.1 Crystal I/O
SYMBOL
PIN
I/O
FUNCTION
Xin
4
IN
Crystal input with internal loading capacitors and
feedback resistors.
Xout
5
OUT
Crystal output at 14.318MHz nominally.
5.2 CPU, SDRAM, PCI, IOAPIC Clock Outputs
SYMBOL
PIN
I/O
FUNCTION
CPUCLK_F
46
OUT
Free running CPU clock. Not affected by
CPU_STOP#
CPUCLK[0:2]
45,43,42
OUT
Low skew (< 250ps) clock outputs for host
frequencies such as CPU, Chipset and Cache.
Powered by VddL2. Low if CPU_STOP# is low.
*CPU_STOP#
41
IN
This asynchronous input halts CPUCLK[0:2] and
SDRAM(0:11) at logic level when driven low.
SDRAM_F
39
OUT
Free running SDRAM clock. Not affected by
CPU_STOP#
SDRAM [ 0:11]
17,18,20,21,28
,29,31,32,34,
35,37,38
OUT
SDRAM clock outputs. Fanout buffer outputs from
BUFFER IN pin.(Controlled by chipset)
PCICLK_F/
*MODE
7
I/O
Free running PCI clock during normal operation.
Latched Input. Mode=1, Pin 2 is REF0; Mode=0,
Pin2 is PCI_STOP#
PCICLK0/*FS3
8
I/O
Low skew (< 250ps) PCI clock outputs.
Latched input for FS3 at initial power up for H/W
selecting the output frequency of CPU, SDRAM and
PCI clocks.
PCICLK [ 1:4 ]
10,11,12,13
OUT
Low skew (< 250ps) PCI clock outputs. Synchronous
to CPU clocks with 1/-4ns skew(CPU early).
BUFFER IN
15
IN
Inputs to fanout for SDRAM outputs.


Similar Part No. - W83194R-67A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-67B WINBOND-W83194R-67B Datasheet
260Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
More results

Similar Description - W83194R-67A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-67B WINBOND-W83194R-67B Datasheet
260Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
W83194R-58A WINBOND-W83194R-58A Datasheet
182Kb / 13P
   100MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83195BR-25 WINBOND-W83195BR-25 Datasheet
264Kb / 18P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195AR-25 WINBOND-W83195AR-25 Datasheet
245Kb / 16P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83L177R WINBOND-W83L177R Datasheet
108Kb / 9P
   100MHZ 2-DIMM SDRAM BUFFER FOR NOTEBOOK
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com