Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194R-67B Datasheet(PDF) 8 Page - Winbond

Part # W83194R-67B
Description  100MHZ 3-DIMM CLOCK FOR VIA MVP4
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194R-67B Datasheet(HTML) 8 Page - Winbond

Back Button W83194R-67B Datasheet HTML 4Page - Winbond W83194R-67B Datasheet HTML 5Page - Winbond W83194R-67B Datasheet HTML 6Page - Winbond W83194R-67B Datasheet HTML 7Page - Winbond W83194R-67B Datasheet HTML 8Page - Winbond W83194R-67B Datasheet HTML 9Page - Winbond W83194R-67B Datasheet HTML 10Page - Winbond W83194R-67B Datasheet HTML 11Page - Winbond W83194R-67B Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
W83194R-67B
PRELIMINARY
Publication Release Date: Dec.. 1999
- 8 -
Revision 0.50
Frequency table by I2C
SSEL3
SSEL2
SSEL1
SSEL 0
CPU,SDRA
M(MHz)
PCI(MHz)
REF,IOAPIC (MHz)
1
1
1
1
60
30(CPU/2)
14.318
1
1
1
0
66.8
33.4(CPU/2)
14.318
1
1
0
1
70
35(CPU/2)
14.318
1
1
0
0
90
30(CPU/3)
14.318
1
0
1
1
97.0
32.33(CPU/3)
14.318
1
0
1
1
80
26.67(CPU/3)
14.318
1
0
1
0
83.3
27.77(CPU/3)
14.318
1
0
0
1
95.25
31.75(CPU/3)
14.318
1
0
0
0
100.2
33.3(CPU/3)
14.318
0
1
1
1
75
37.5(CPU/2)
14.318
0
1
1
0
80
40(CPU/2)
14.318
0
1
0
1
83.3
41.65(CPU/2)
14.318
0
1
0
0
105
35(CPU/3)
14.318
0
0
1
1
110
36.67(CPU/3)
14.318
0
0
1
0
115
38.33(CPU/3)
14.318
0
0
0
1
124
31(CPU/4)
14.318
0
0
0
0
133
33.3(CPU/4)
14.318
8.3.2 Register 1 : CPU Clock Register (1 = Active, 0 = Inactive)
Bit
@PowerUp
Pin
Description
7
x
-
Latched FS2#
6
1
-
0 = 0.5% down type spread, overrides Byte0 -bit7.
1= Center type spread.
5
1
-
Reserved
4
1
-
Reserved
3
1
42
CPUCLK2 (Active / Inactive)
2
1
43
CPUCLK1 (Active / Inactive)
1
1
45
CPUCLK0 (Active / Inactive)
0
1
46
CPUCLK_F (Active / Inactive)


Similar Part No. - W83194R-67B

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-67A WINBOND-W83194R-67A Datasheet
237Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
More results

Similar Description - W83194R-67B

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-67A WINBOND-W83194R-67A Datasheet
237Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
W83194R-58A WINBOND-W83194R-58A Datasheet
182Kb / 13P
   100MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83195BR-25 WINBOND-W83195BR-25 Datasheet
264Kb / 18P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195AR-25 WINBOND-W83195AR-25 Datasheet
245Kb / 16P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83L177R WINBOND-W83L177R Datasheet
108Kb / 9P
   100MHZ 2-DIMM SDRAM BUFFER FOR NOTEBOOK
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com