Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24CL16B-DG Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # FM24CL16B-DG
Description  16Kb Serial 3V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24CL16B-DG Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button FM24CL16B-DG Datasheet HTML 5Page - Cypress Semiconductor FM24CL16B-DG Datasheet HTML 6Page - Cypress Semiconductor FM24CL16B-DG Datasheet HTML 7Page - Cypress Semiconductor FM24CL16B-DG Datasheet HTML 8Page - Cypress Semiconductor FM24CL16B-DG Datasheet HTML 9Page - Cypress Semiconductor FM24CL16B-DG Datasheet HTML 10Page - Cypress Semiconductor FM24CL16B-DG Datasheet HTML 11Page - Cypress Semiconductor FM24CL16B-DG Datasheet HTML 12Page - Cypress Semiconductor FM24CL16B-DG Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FM24CL16B - 16Kb 3V I2C F-RAM
Rev. 3.0
Jan. 2012
Page 11 of 13
Mechanical Drawing
8-pin SOIC (JEDEC MS-012 variation AA)
Pin 1
3.90 ±0.10 6.00 ±0.20
4.90 ±0.10
0.10
0.25
1.35
1.75
0.33
0.51
1.27
0.10 mm
0.25
0.50
45
0.40
1.27
0.19
0.25
0 - 8
Recommended PCB Footprint
7.70
0.65
1.27
2.00
3.70
Seating Plane
Refer to JEDEC MS-012 for complete dimensions and notes.
All dimensions in millimeters.
SOIC Package Marking Scheme
Legend:
XXXXXX= part number, P= package type (G=SOIC)
R=rev code, LLLLLLL= lot code
RIC=Ramtron Int’l Corp, YY=year, WW=work week
Example: FM24CL16B, “Green” SOIC package, Year 2010, Work Week 49
FM24CL16BG
A00002G1
RIC1049
XXXXXXXP
RLLLLLLL
RICYYWW


Similar Part No. - FM24CL16B-DG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24CL16B-DG RAMTRON-FM24CL16B-DG Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-DG CYPRESS-FM24CL16B-DG Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B-DGTR RAMTRON-FM24CL16B-DGTR Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-DGTR CYPRESS-FM24CL16B-DGTR Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24CL16B-DG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
FM25L16B RAMTRON-FM25L16B Datasheet
150Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com